Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM4953 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # APM4953
Description  Dual P-Channel Enhancement Mode Mosfet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

APM4953 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  APM4953 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. APM4953 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APM4953
Dual P-Channel Enhancement Mode Mosfet
www.artschip.com
1
Applications
Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems
Features
-30V/-4.9A, RDS(on)=53mΩ(typ.)@VGS=-10V
RDS(on)=53mΩ(typ.)@VGS=-4.5V
Supper High Density Cell Design
Reliable and Rugged
SO-8 Package
Pin Description
SO-8
P-Channel Mosfet
Ordering and Marking Information
Package Code
K: SO-8
Operation Junction Temp. Range
C:-55 to 150℃
Handling Code
TU: Tube
TR: Tape & Reel
APM4953K:
XXXXX – Date Code
Absolute Maximum Ratings (TA=25℃ unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-30
VGSS
Gate-Source Voltage
±25
V
ID*
Storage Temperature Range
-4.9
IDM
Thermal Resistance – Junction to Ambient
-30
A
* Surface Mounted on FR4 Board, t ≤10 sec.
Absolute Maximum Ratings (Cont.) (TA=25℃ unless otherwise noted)
Symbol
Parameter
Rating
Unit
TA=25℃
2.5
PD
Maximum Power Dissipation
TA=100℃
1.0
W
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
℃
RQJA
Thermal Resistance – Junction to Ambient
50
℃
/W


Similar Part No. - APM4953

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4953 ANPEC-APM4953 Datasheet
221Kb / 9P
Dual P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
Dual P-Channel 30V (D-S) MOSFET
logo
Guangdong Youtai Semico...
APM4953 UMW-APM4953 Datasheet
534Kb / 6P
-30V P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
APM4953 EVVOSEMI-APM4953 Datasheet
538Kb / 6P
-30V P-Channel MOSFET
Rev:2023A2
logo
Anpec Electronics Corop...
APM4953K ANPEC-APM4953K Datasheet
119Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4953

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com