Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533 Datasheet(PDF) 19 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533 Datasheet(HTML) 19 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 19Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 20Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 21Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 22Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 23Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Rev. 7
July 1998
Data Sheet
AS2533...6
Electrical Characteristics
Absolute Maximum Ratings
Positive Supply Voltage .................................................................................................................. -0.3V
≤ V
DD ≤ 7V
Input Current ...............................................................................................................................................
± 25 mA
Input Voltage (LS) ......................................................................................................................... -0.3V
≤ V
IN ≤ 10V
Input Voltage (LI, CS) ...................................................................................................................... -0.3V
≤ V
IN ≤ 8V
Input Voltage (STB, RI) ......................................................................................................... -2V
≤ V
IN ≤ VDD + 0.3V
Input Voltage (MO) ...................................................................................................................... -0.3V
≤ V
IN ≤ +35V
Digital Input Voltage ............................................................................................................ -0.3V
≤ V
IN ≤ VDD + 0.3V
Electrostatic Discharge ................................................................................................................................
± 1000V
Storage Temperature ..................................................................................................................... -65
°C to +125°C
Recommended Operating Conditions
Supply Voltage * (Speech Mode) ....................................................................................................... 4V
≤ V
DD ≤ 5V
Oscillator Frequency (Resonator: Murata CSA 3.58M G312AM) .............................................................. 3.58 MHz
Operating Temperature ................................................................................................................... - 25°C to +70°C
* This voltage is generated internally
DC Characteristics (I
LINE = 15 mA unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
M a x
Units
I
DD
Operating Current
Speech mode
3
5
mA
MF dialling
4
mA
LD dialling, V
DD = 2.5V
200
µA
Ring mode, V
DD = 2.5V
300
µA
I
DD0
Retention Current
Idle mode, V
DD = 2V
0.05
µA
T
AMB = 25°C
V
LI
Line Voltage (default)
13 mA
≤ I
LINE ≤100 mA
4.5
V
I
OL
Output Current, Sink
V
OL = 0.4V
1.5
mA
CS, HS/DP, MO
I
OL
Output Current, Sink; LED
V
OL = 0.4V
4
mA
V
IL
Input Low Voltage
HS/DPN; FCI
V
SS
0.3 V
DD
V
T
AMB = 25°C
V
IH
Input High Voltage
HS/DPN; FCI
0.7 V
DD
V
DD
V
T
AMB = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com