Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533 Datasheet(PDF) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533 Datasheet(HTML) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 19Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 20Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 21Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 22Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 23Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 24Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533 Datasheet HTML 25Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Rev. 7
July 1998
Data Sheet
AS2533...6
AC Characteristics (cont´d) (I
LINE = 15 mA; f = 800 Hz unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
M a x
Units
Keyboard
t
D
Key Debounce Time
15
ms
HS/DPN Input
t
HS-L
Low to High Debounce
Going off-hook
15
ms
t
HS-H
High to Low Debounce
Not LD dialling
210
ms
During LD dialling
270
ms
DTMF
F
Frequency deviation
Note 5
1.2
%
V
MF
MF Tone Level (Low group) MFL = A
GND
- 2.5
- 4
- 5.5
dB
MFL = V
SS
- 14.5
- 16
- 17.5
dB
∆V
L-H
Preemphasis Low to High
1.8
2.4
3.0
dB
V
UFC
Unwanted F. Componets
300 Hz...5 kHz
-40
dBm
Note 3; MFL = V
SS
5 kHz...14 kHz
-50
dBm
14 kHz...28.5 kHz
-70
dBm
28.5 kHz...40 kHz
-80
dBm
t
TD
Tone Duration
Note 1&6; Mode=row 6 or 7
80
82.3
85
ms
t
ITP
Inter Tone Pause
Note1; Mode=row 6
80
82.3
85
ms
t
ITP
Inter Tone Pause
Note 1 & 6; Mode=row 7
150
165
170
ms
t
TR
Tone Rise Time
Note 2
5
ms
t
TF
Tone Fall Time
Note 2
5
ms
LD
t
DR
Dial Rate
Mode = row 1, 2 or 5
9.53
10
10.5
pps
Mode = row 3 or 4
19.05
20
21
pps
t
/B
Break Period
Mode = row 2
57
61.2
63
ms
t
/B
Break Period
Mode = row 4
28.5
30.6
31.5
ms
t
/B
Break Period
Mode = row 1 or 5
63
66
69
ms
t
/B
Break Period
Mode = row 3
31.5
33
34.5
ms
t
M/
Make Period
Mode = row 2
38
40.8
42
ms
t
M/
Make Period
Mode = row 4
19
20.4
21
ms
t
M/
Make Period
Mode = row 1 or 5
31.5
33
34.5
ms
t
M/
Make Period
Mode = row 3
15.7
16.5
17.3
ms
t
PDP
Pre-Digit Pause
35
ms
t
IDP
Inter Digit Pause
Mode = row 1, 2, 3, 4 or 5
800
840
880
ms
t
HS-H
High to Low Debounce
During LD dialling
270
ms
t
MO
Mute Overhang
t
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com