Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BAV70
Description  Dual Switching Diode Common Cathode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BAV70 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BAV70 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV70 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV70 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
ORDERING INFORMATION
SOT−23
MARKING DIAGRAM
1
A4 MG
G
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
A4= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
BAV70
2
3
WWW.ARTSCHIP.COM
3
CATHODE
ANODE
1
2
ANODE
BAV70
Dual Switching Diode
Common Cathode
Features
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(surge)
500
mA
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1)
TA = 25C
Derate above 25C
PD
225
1.8
mW
mW/C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
C/W
Total Device Dissipation
Alumina Substrate,
(Note 2) TA = 25C
Derate above 25C
PD
300
2.4
mW
mW/C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
logo
ON Semiconductor
MSD6100 ONSEMI-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
1997
BAV70LT1 ONSEMI-BAV70LT1_07 Datasheet
52Kb / 4P
Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
BAV70LT1G ONSEMI-BAV70LT1G Datasheet
130Kb / 4P
Dual Switching Diode Common Cathode
August, 2009 ??Rev. 6
BAV70WT1G ONSEMI-BAV70WT1G Datasheet
130Kb / 5P
Dual Switching Diode Common Cathode
October, 2010 -- Rev. 5
584826 ONSEMI-584826 Datasheet
111Kb / 4P
Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
BAV70M3 ONSEMI-BAV70M3 Datasheet
67Kb / 4P
Dual Switching Diode Common Cathode
April, 2015 ??Rev. 2
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com