Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9801 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
27
Version: DM9801-DS-P02
March 20, 2000
Auto-negotiation Advertisement Register(ANAR) - Register 4 (continued)
Bit
Bit Name
Default
Description
4.6
10_FDX
0, RO/P
10Base-T Full Duplex Support:
The DM9801 does not support this function. This bit is
permanently set to 0
4.5
10_HDX
1, RO/P
10Base-T Support:
1=10Base-T Half Duplex supported by the link partner
0=10Base-T Half Duplex not supported by the link partner
4.4-4.0
Selector
<00001>, RO/P
Protocol Selection Bits:
These bits contain the binary encoded protocol selector
supported by this node.
<00001> indicates that this device supports IEEE 802.3
CSMA/CD.
Auto-negotiation Link Partner Ability Register (ANLPAR) - Register 5
This register contains the advertised abilities of the link partner as they are received during Auto-negotiation.
Bit
Bit Name
Default
Description
5.15
NP
0, RO/P
Next Page Indication:
0= Link partner, no next page available
1= Link partner, next page available
5.14
ACK
0, RO/P
Acknowledge:
1=Link partner ability data reception acknowledged
0=Not acknowledged
The DM9801's state machine will automatically control this bit.
Software should not attempt to write to this bit.
5.13
RF
0, RO/P
Remote Fault:
1=Remote fault indicated by link partner
0=No remote fault indicated by link partner
5.12-5.10
Reserved
0, RO
Reserved:
Write as 0, ignore on read
5.9
T4
0, RO/P
100Base-T4 Support:
The DM9801 does not support this function. This bit is
permanently set to 0
5.8
TX_FDX
0, RO/P
100Base-TX Full Duplex Support:
The DM9801 does not support this function. This bit is
permanently set to 0
5.7
TX_HDX
0, RO/P
100Base-TX Support:
The DM9801 does not support this function. This bit is
permanently set to 0
5.6
10_FDX
0, RO/P
10Base-T Full Duplex Support:
The DM9801 does not support this function. This bit is
permanently set to 0
5.5
10_HDX
0, RO
10Base-T Support:
1=10Base-T Half Duplex supported by the link partner
0=10Base-T Half Duplex not supported by the link partner
5.4-5.0
Selector
<00000>, RO
Protocol Selection Bits:
Link partner binary encoded protocol selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com