Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9801 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # DM9801
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button DM9801 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9801 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
39
Version: DM9801-DS-P02
March 20, 2000
TX_PCOM Low B Register - Register 8 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
8.7 – 8.0 TX_PCOM_LOB
0, RW
TX_PCOM_LOB:
The 7
th through the LSB of the 32-bit transmitted data field to be used
for out-of-band communications between PHY management entities.
The PHY will send all-0 PCOMs until the high byte in TX_PCOM_HI
has been accessed.
An access of any of the four TX_PCOM bytes will clear the
TX_PCOM_RDY bit in the ISTAT register.
TX_PCOM Low A Register - Register 9 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
9.7 – 9.0 TX_PCOM_LOA
0, RW
TX_PCOM_LOA:
The 15
th through 8th bits of the 32-bit transmitted data field to be used
for out-of-band communications between PHY management entities.
The PHY will send all-0 PCOMs until the high byte in TX_PCOM_HI
has been accessed.
An access of any of the four TX_PCOM bytes will clear the
TX_PCOM_RDY bit in the ISTAT register.
TX_PCOM High B Register - Register 10 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
10.7 –
10.0
TX_PCOM_HIB
0, RW
TX_PCOM_HIB:
The 23
rd through the 16th bits transmitted data field to be used for out-
of-band communications between PHY management entities.
The PHY will send all-0 PCOMs until the high byte has been
accessed.
An access of any of the four TX_PCOM bytes will clear the
TX_PCOM_RDY bit in the ISTAT register.
TX_PCOM High A Register - Register 11 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
11.7 –
11.0
TX_PCOM_HIA
0, RW
TX_PCOM_HIA:
The MSB of the 32-bit transmitted data field to be used for out-of-band
communications between PHY management entities.
The PHY will send all-0 PCOMs until the high byte has been
accessed.
An access of any of the four TX_PCOM bytes will clear the
TX_PCOM_RDY bit in the ISTAT register.
RX_PCOM Low B Register - Register 12 (INTFSEL = 1, GPSI Mode)
Bit
Bit Name
Default
Description
12.7 –
12.0
RX_PCOM_LOB
0, RW
RX_PCOM_LOB:
The LSB of the 32-bit receive data field to be used for out-of-band
communications between PHY management entities.
A non-null receive PCOM will set the RX_PCOM_VAL bit in the ISTAT
register.
An access of the high byte of the RX_PCOM_HI register will clear the
RX_PCOM_VAL bit in the ISTAT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com