Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95DW-R3 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 95DW-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

95DW-R3 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  95DW-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 95DW-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converter
95DW-R3 SERIES
20Watt 1.5KV Isolated
4:1 Input Voltage Range
Single & Dual Output
2” x 1”
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Efficiency
Capacitor
load
Vdc
No
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full
Load
(mA)
%TYP
uF MAX
95DW-24S03R3NL
9-36
60
900
3.3
5500
84
3300
95DW-24S05R3NL
9-36
60
968
5
4000
86
3300
95DW-24S12R3NL
9-36
40
970
12
1670
86
330
95DW-24S15R3NL
9-36
20
966
15
1330
86
330
95DW-24D05R3NL
9-36
70
900
±5
±2000
84
±2000
95DW-24D12R3NL
9-36
40
959
±12
±835
87
±330
95DW-24D15R3NL
9-36
40
944
±15
±665
88
±330
95DW-48S03R3NL
18-75
30
450
3.3
5500
84
5600
95DW-48S05R3NL
18-75
30
484
5
4000
86
5600
95DW-48S12R3NL
18-75
30
485
12
1670
86
680
95DW-48S15R3NL
18-75
30
483
15
1330
86
680
95DW-48D05R3NL
18-75
30
496
±5
±2000
84
±3300
95DW-48D12R3NL
18-75
30
497
±12
±835
84
±220
95DW-48D15R3NL
18-75
30
483
±15
±665
86
±220
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
95DW-R3 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Filter
Pi TYPE
FEATURES:
20 Watt DIL Package
4:1Wide Input Voltage
100% Burned In
High Efficiency To 87%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +82℃
3 Years Warranty


Similar Part No. - 95DW-R3

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
95DW-24D05B3NL YUANDEAN-95DW-24D05B3NL Datasheet
447Kb / 2P
DC-DC Converter
95DW-24D12B3NL YUANDEAN-95DW-24D12B3NL Datasheet
447Kb / 2P
DC-DC Converter
95DW-24D12RNL YUANDEAN-95DW-24D12RNL Datasheet
1Mb / 2P
DC-DC Converter
95DW-24D15B3NL YUANDEAN-95DW-24D15B3NL Datasheet
447Kb / 2P
DC-DC Converter
95DW-24D15RNL YUANDEAN-95DW-24D15RNL Datasheet
1Mb / 2P
DC-DC Converter
More results

Similar Description - 95DW-R3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com