Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95DW-R3 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 95DW-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

95DW-R3 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  95DW-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 95DW-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Voltage
1500
Vdc
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
300
KHz
Operating
Temperature
With derating
-40
82
℃
Storage Temperature
-55
125
℃
Humidity
Non Condensing
5
95
%
Cooling
Natural Convection (20LFM)
Case material
Nickel coated copper with no-conductive base
MTBF
MIL-HDBK-217F
@25℃
659000
Hours
Weight
32.6
g
Dimensions
50.8x25.4x10.6
mm
Recommended Test Circuit
95DW-R3 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
Part Number
95DW-
24
S
05
R
3
NL
A
B
C
D
E
F
G
A: Series
B: Input Voltage
C: Single Output
D: Output Voltage
E: Regulated(R)
F: Package
G: RoHs Version
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load@Vin(nom.)
±2
%
Short Circuit
Protection
Hiccup,
automatic recovery
Line Regulation
±0.5
%
Load Regulation
Single
Dual(Balance Load)
±0.5
±1
%
Cross Regulation
Dual (25% to 100% load)
±5
%
Ripple & Noise
Output:3-15V TYPES
BW=DC To 20MHz
100
mVp-p
Output > 15V TYPES
BW=DC To 20MHz
1% of Vout
mVp-p
Transient response
setting time
25% load step change
300
us
Dimensions
PIN Assignment
Pin
1
2
3
4
5
6
Single
+Vin
-Vin
+Vout
Trim
-Vout
Remote
On/Off
Dual
+Vin
-Vin
+Vout
Com
-Vout
Remote
On/Off



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com