Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96D-R5 Datasheet(PDF) 3 Page - Yuan Dean Scientific., Co, LTD.

Part # 96D-R5
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96D-R5 Datasheet(HTML) 3 Page - Yuan Dean Scientific., Co, LTD.

  96D-R5 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 4Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching
Frequency
300
KHz
Isolation
Capacitance
2200
pF
Case material
Nickel coated copper with no-conductive base
Potting material
Epoxy (UL94-V0)
Isolation Voltage
For 10 seconds
1600
VDC
Design meets
safety
IEC60950-1, UL60950-1, EN60950-1
Dimensions
-R5NL
50.8X 25.4 X 10.6
mm
-R5HSNL
50.8X 25.4 X 15.3
mm
Weight
36.5
g
MTBF (Note 1)
BELLCORE-TR-NWT-000332
3.163 x 106
hrs
MIL-HDBK-217F
4.347 x 105
hrs
96D-R5 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:1.0 2018/12/17
Environmental Specifications
Parameters
Conditions
Min
Typ
Max
Units
Operating
Temperature
-40
85
℃
Maximum case
temperature
105
℃
Storage
Temperature
-55
125
℃
Thermal impedance
@20LFM
Convection
12
ºC/Watt
Convection with heat-sink
10
ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC Characteristics
Parameters
Conditions
Min
Typ
Max
Units
EMI
EN55022
Class A
ESD
EN61000-4-2
Air ±8KV Perf. Criteria A
Contact ±6KV Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient
EN61000-4-4
± 2KV Perf. Criteria A
Surge
EN61000-4-5
± 1KV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vrms Perf. Criteria A
Recommended Filter for
EN55022 Class A Compliance
External Output Trimming
Output can be externally trimmed by using the
method shown below.
Recommended EN55022
Class A Filter Circuit Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com