Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96D-R5 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 96D-R5
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96D-R5 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  96D-R5 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD. 96D-R5 Datasheet HTML 4Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC Converter
96D-R5 SERIES
30Watt 1.6KV Isolated
2:1 Input Voltage Range
Single & Dual Output
2” x 1”
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Output
Ripple
&
Noise
Efficiency
Capacitor
Load
Vdc
No
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full
Load
(mA)
mVp-p
TYP%
uF
MAX
96D-12S03R5NL
9-18
120
2398
3.3
7500
100
86
20000
96D-12S05R5NL
9-18
130
2841
5.0
6000
100
88
14400
96D-12S12R5NL
9-18
50
2809
12
2500
100
89
3000
96D-12S15R5NL
9-18
50
2809
15
2000
100
89
2000
96D-24S03R5NL
18-36
70
1200
3.3
7500
100
86
20000
96D-24S05R5NL
18-36
80
1420
5.0
6000
100
88
14400
96D-24S12R5NL
18-36
30
1404
12
2500
100
89
3000
96D-24S15R5NL
18-36
30
1404
15
2000
100
89
2000
96D-48S03R5NL
36-72
40
600
3.3
7500
100
86
20000
96D-48S05R5NL
36-72
50
710
5.0
6000
100
88
14400
96D-48S12R5NL
36-72
30
702
12
2500
100
89
3000
96D-48S15R5NL
36-72
30
702
15
2000
100
89
2000
96D-12D12R5NL
9-18
60
2873
±12
±1250
100
89
±2000
96D-12D15R5NL
9-18
60
2873
±15
±1000
100
89
±1300
96D-24D12R5NL
18-36
30
1437
±12
±1250
100
89
±2000
96D-24D15R5NL
18-36
30
1437
±15
±1000
100
89
±1300
96D-48D12R5NL
36-72
30
718
±12
±1250
100
89
±2000
96D-48D15R5NL
36-72
30
718
±15
±1000
100
89
±1300
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:1.0 2018/12/17
96D-R5 SERIES
Applications
Industry Control System
Semiconductor Equipment
Wireless Network
Telecom/Datacom
Measurement
Note:
1. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and
controlled environment)
MIL-STD-217F Notice2 @Ta=25 ºC, Full load (Ground, Benign, controlled environment)
2. The ON/OFF control pin voltage is referred to -Input. (Leave open if not used.)
FEATURES:
30 Watt DIL Package
2:1Wide Input Voltage
100% Burned In
High Efficiency To 89%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +85℃
3 Years Warranty


Similar Part No. - 96D-R5

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
96D-12D05RNL YUANDEAN-96D-12D05RNL Datasheet
778Kb / 3P
DC-DC Converter
96D-12D12RNL YUANDEAN-96D-12D12RNL Datasheet
778Kb / 3P
DC-DC Converter
96D-12D15RNL YUANDEAN-96D-12D15RNL Datasheet
778Kb / 3P
DC-DC Converter
96D-12S03RNL YUANDEAN-96D-12S03RNL Datasheet
778Kb / 3P
DC-DC Converter
96D-12S05RNL YUANDEAN-96D-12S05RNL Datasheet
778Kb / 3P
DC-DC Converter
More results

Similar Description - 96D-R5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com