Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96DW-R5 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 96DW-R5
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96DW-R5 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  96DW-R5 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 4Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
30W DIL Package
4:1 Wide Input Range
100% Burned In
High Efficiency Up To 88%
Customized Solutions Available
Remote Control:On/Off
UL 94V-0 Package Material
Operating Temperature From -40℃ TO +85℃
3 Years Warranty
DC-DC Converter
96DW-R5 SERIES
30Watt 1.6KV Isolated
4:1 Input Voltage Range
Single & Dual Output
2” x 1”
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Output
Ripple
&
Noise
Efficiency
Capacitor
Load
Vdc
No
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full
Load
(mA)
mVp-p
%TYP
uF
MAX
96DW-24S03R5NL
9-36
120
1265
3.3
7500
100
86
20000
96DW-24S05R5NL
9-36
130
1488
5.0
6000
100
87
14400
96DW-24S12R5NL
9-36
50
1471
12
2500
100
88
3000
96DW-24S15R5NL
9-36
50
1471
15
2000
100
88
2000
96DW-24D12R5NL
9-36
60
1471
±12
1250
100
88
±2000
96DW-24D15R5NL
9-36
60
1471
±15
1000
100
88
±1300
96DW-48S03R5NL
18-75
70
629
3.3
7500
100
86
20000
96DW-48S05R5NL
18-75
80
744
5.0
6000
100
87
14400
96DW-48S12R5NL
18-75
30
727
12
2500
100
88
3000
96DW-48S15R5NL
18-75
30
727
15
2000
100
88
2000
96DW-48D12R5NL
18-75
30
727
±12
1250
100
88
±2000
96DW-48D15R5NL
18-75
30
727
±15
1000
100
88
±1300
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
96DW-R5 SERIES
Applications
Industry Control System
Semiconductor Equipment
Wireless Network
Telecom/Datacom
Measurement
Note:
1. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled
environment)
MIL-STD-217F Notice2 @Ta=25 ºC, Full load (Ground, Benign, controlled environment)
2. The ON/OFF control pin voltage is referred to -Input. (Leave open if not used.)


Similar Part No. - 96DW-R5

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
96DW-R6 YUANDEAN-96DW-R6 Datasheet
892Kb / 3P
DC-DC Converter
More results

Similar Description - 96DW-R5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com