Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96DW-R5 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 96DW-R5
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96DW-R5 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  96DW-R5 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD. 96DW-R5 Datasheet HTML 4Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Remote On/Off Note
96DW-R5 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:o 2018/10/31
Part Number
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Filter
Pi Type
Input surge voltage
100mS max
24V input
50
Vdc
48V input
100
Vdc
Input reflected ripple
current
Nominal Vin and
full load
20
mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
30
mS
Remote ON/OFF
30
mS
Start-up voltage
24V input
9
Vdc
48V input
18
Vdc
Shutdown voltage
24V input
8
Vdc
48V input
16
Vdc
Protection
Fuse Recommended
Remote ON/OFF
(Note 2)
DC-DC ON
OPEN
DC-DC OFF
Short to ground
Input current of
Remote control pin
Nominal Vin
-0.5mA ~ +0.5mA
Remote off state
input current
Nominal Vin
3mA
0V
Vp
(1)+Vin
(2)-Vin
(3)Ctrl
(4)+Vout
(5)-Vout
(6)Trim
RL
SW
a
b
Vin+
When pin3 short to pin2,D/D ON=>OFF
When pin3 leave open,D/D=>ON
control Voltage
Ra=
Vp-0.6
0.5mAΩ
0.5mA
Ra
to pin3
NPN
to pin2(-Vi)
(on/off control)
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load@Vin(nom.)
±2
%
Short Circuit /Restart
Protection
Hiccup,
automatic recovery
Over Load Protection
nominal input
150
V
Over Voltage Protection
(Zener Diode Clamp)
3.3V Output
3.9
V
5.0V Output
6.2
V
12V Output
15 & ±15
V
15V Output
18 & ±18
V
Line Regulation
LL to HL at Full Load
±0.5
%
Load Regulation
Single
±0.5
%
Load Regulation
Dual, Balance Load,25%
to 100% load
±1.0
%
Cross Regulation
Dual (25% to 100% load)
±5.0
%
Ripple & Noise
20MHz bandwidth
100
mVp-p
Transient response
recovery time
25% load step change
250
350
us
External Trim Adj.
Range
±10% of
Output
The components used in the
above figure, together with the
manufacturers’ part numbers for
these components, are as follows:
Derating Curve
(without Heat-Sink)
-48S
C2/C3
1000pF/2KV 1808 MLCC
C1
2.2µF/100V 1812 MLCC
-24S
Single Output
4.7µF/50V 1812 MLCC 1000pF/2KV 1808 MLCC
-48D
C2/C4
1000pF/2KV 1808 MLCC
C1
2.2µF/100V 1812 MLCC
-24D
Dual Output
4.7µF/50V 1812 MLCC 1000pF/2KV 1808 MLCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com