Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96DW-R6 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 96DW-R6
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96DW-R6 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  96DW-R6 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96DW-R6 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96DW-R6 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES:
1” X 1” DIL Package
4:1Wide Input Voltages Range
Regulated Output Types
High Efficiency Up To 92%
Customized Solutions Available
Remote Control: On/Off
Operating Temperature From -40°C To +75°C (77°C with HS)
3 Years Warranty
UL/cUL/IEC 60950-1 , 62368-1 Approved (5V/12V Single Output
Only)
EMC Standard of EMI EN55032:2012+AC:2013 (Class B) Approved
EMC Standard of EMS EN55024:2010 Approved
DC-DC Converter
96DW-R6 SERIES
Specifications typical at TA=25°C, nominal input voltage and rated
output current unless otherwise specified
Part Number
Input
Voltage
Input Current
Output
Voltage
Output
Current
Efficiency
Vdc
No Load
(mA Typ)
Full Load
(mA Typ)
Vdc
(mA)
%TYP
96DW-24S03R6NL
9-36
10
1119
3.3
7000
86
96DW-24S05R6NL
9-36
10
1420
5
6000
88
96DW-24S12R6NL
9-36
10
1404
12
2500
89
96DW-24S15R6NL
9-36
10
1404
15
2000
89
96DW-24S24R6NL
9-36
10
1389
24
1250
90
96DW-48S03R6NL
18-75
7
553
3.3
7000
87
96DW-48S05R6NL
18-75
7
702
5
6000
89
96DW-48S12R6NL
18-75
7
694
12
2500
90
96DW-48S15R6NL
18-75
7
687
15
2000
91
96DW-48S24R6NL
18-75
7
679
24
1250
92
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
96DW-R6 SERIES
Part Number
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Surge Voltage
(1 sec. max.)
24V models
50
Vdc
48V models
100
30Watt 1.5KV Isolated
4:1 Input Voltage Range
Single & Dual Output
1” x 1”


Similar Part No. - 96DW-R6

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
96DW-R5 YUANDEAN-96DW-R5 Datasheet
1Mb / 4P
DC-DC Converter
More results

Similar Description - 96DW-R6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com