Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96DW-R6 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 96DW-R6
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

96DW-R6 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  96DW-R6 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 96DW-R6 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 96DW-R6 Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Voltage
Input To Output
Input(Output) To Case
1500
1000
Vdc
Isolation
Resistance
500Vdc
1000
MΩ
Switching
Frequency
Full load, nominal input
275
KHz
Operating
Temperature
Without Heatsink
With Heatsink
-40
-40
75
77
°C
Case Temperature
105
°C
Humidity
Non Condensing
5
95
%
Cooling
Natural Convection (20LFM)
Case material
Six-side shield case
MTBF
MIL-HDBK-217F@25℃
1200000
Hours
Weight
without heatsink
22
g
with heatsink
24.5
Dimensions
25.4X25.4X10.6
mm
96DW-R6 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±2
%
Short Circuit
Protection
Continuous ,Auto-Recovery
Output Power
Protection
Continuous ,Auto-Recovery
110
170
%
Over Voltage
Protection
Line Regulation
3.3Vdc
3.7
5.4
Vdc
5Vdc
5.6
7.0
12Vdc
13.5
19.6
15Vdc
18.3
22.0
24Vdc
29.1
32.5
Line Regulation
Nominal Input Voltage
±0.5
%
Load Regulation
Single
±0.5
%
Ripple & Noise
BW=DC To 20MHz
Single :
3.3V & 5V with 22uF
12V & 15V with 2*22uF
24V with 2*6.8uF
100
mVp-p
Start up time
Nominal Input Voltage
30
ms
Transient response
setting time
25% load step change
350
us
Temperature Derating Graph
@20LFM
Rev:0 2018/10/31



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com