Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9958
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9958 Datasheet HTML 17Page - Analog Devices AD9958 Datasheet HTML 18Page - Analog Devices AD9958 Datasheet HTML 19Page - Analog Devices AD9958 Datasheet HTML 20Page - Analog Devices AD9958 Datasheet HTML 21Page - Analog Devices AD9958 Datasheet HTML 22Page - Analog Devices AD9958 Datasheet HTML 23Page - Analog Devices AD9958 Datasheet HTML 24Page - Analog Devices AD9958 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD9958
Rev. 0 | Page 21 of 40
Table 7.
Modulation Level Bits FR1 <9:8>
Description
0
0
2-level modulation
0
1
4-level modulation
1
0
8-level modulation
1
1
16-level modulation
When modulating, the RU/RD function can be limited based
on pins available for controlling the feature. SDIO pins are for
RU/RD only, not modulation.
Table 8.
RU/RD Bits
FR1 <11:10>
Description
0
0
RU/RD disabled.
0
1
Only profile Pin 2 and Pin 3 available for RU/RD
operation.
1
0
Only profile Pin 3 available for RU/RD
operation.
1
1
Only SDIO Pins 1, 2, and 3 available for RU/RD
operation. Forces the serial I/O to only be used
in 1-bit mode.
If profile pins are used for RU/RD, Logic 0 is for ramp-up and
Logic 1 is for ramp-down.
Because of the two channels and limited data pins, it is
necessary to assign the profile pins and/or SDIO_1:3 pins to a
dedicated channel. This is controlled by the profile pin
configuration or PPC bits (FR1 <14:12>). Each modulation
description to follow incorporates data pin assignments.
2-Level Modulation—No RU/RD
Modulation level bits are set to 00 (2-level). AFP bits are set to
the desired modulation type. RU/RD bits and the linear sweep
bit are disabled. Table 9 displays how the profile pins and
channels are assigned.
Table 9.
Profile Pin
Configuration(PPC)
Bits FR1<14:12>
P0
P1
P2
P3
Description
x
x
x
N/A
N/A
CH0
CH1
2-level
mode both
channels,
no RU/RD
As shown in Table 9, only Profile Pin P2 can be used to
modulate Channel 0. If the P2 pin is Logic 0, Register 0
(Register 0x04) is chosen; if the P2 pin is Logic 1, Register 1
(Register 0x0A) is chosen.
4-Level Modulation—No RU/RD
Modulation level bits are set to 01 (4-level). AFP bits are set to
the desired modulation type. RU/RD bits and the linear sweep
bit are disabled. Table 10 displays how the profile pins and
channels are assigned to each other.
Table 10.
Profile Pin
Config. (PPC)
Bits FR1
<14:12>
P0
P1
P2
P3
Description
1
0
1
CH0
CH0
CH1
CH1
4-level modulation
on CH0 and CH1,
no RU/RD
For this condition, the profile register chosen is based on the
two bit value presented to profile pins <P0:P1> or <P2:P3>.
For example, if PPC = 101, <P0:P1>= 11, and <P2:P3>= 01,
then the contents of Profile Register 3 of Channel 0 are
presented to Channel 0’s output and the contents of Profile
Register 1 of Channel 1 are presented to Channel 1’s output.
8-Level Modulation—No RU/RD
Modulation level bits are set to 10 (8-level). AFP bits are set to a
nonzero value. RU/RD bits and the linear sweep bit are
disabled. Note that the AFP bits of the three channels not being
used must be set to 00. Table 11 shows the assignment of profile
pins and channels.
Table 11.
Profile Pin
Config. Bits
FR1 <14:12>
P0
P1
P2
P3
Description
x
1
0
CH0
CH0
CH0
x
8-level modulation
on CH0, no RU/RD
x
1
1
CH1
CH1
CH1
x
8-level modulation
on CH1, no RU/RD
For this condition, the profile register (1 of 16) chosen is based
on the 3-bit value presented to the profile <P0-P2> pins. For
example, if PPC = X10 and <P0-P2> = 111, the contents of
Profile Register 7 of Channel 0 are presented to Channel 0.
16-Level Modulation—No RU/RD
Modulation level bits are set to 11 (16-level). AFP bits are set to
the desired modulation type. RU/RD bits and the linear sweep
bit are disabled. The AFP bits of the three channels not being
used must be set to 00. Table 12 displays how the profile pins
and channels are assigned.
Table 12.
Profile Pin
Config. (PPC) Bits
FR1 <14:12>
P0
P1
P2
P3
Description
x
1
0
CH0
CH0
CH0
CH0
16-level
modulation on
CH0, no RU/RD
x
1
1
CH1
CH1
CH1
CH1
16-level
modulation on
CH1, no RU/RD
For these conditions, the profile register chosen is based on
the 4-bit value presented to profile <P0-P3> pins. For example
if PPC = X11 and <P0-P3> = 1110, the contents of Profile
Register 14 of Channel 1 is presented to Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com