Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACB Datasheet(PDF) 1 Page - Anova Technologies CO., LTD.

Part # SACB
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SACB Datasheet(HTML) 1 Page - Anova Technologies CO., LTD.

  SACB Datasheet HTML 1Page - Anova Technologies CO., LTD. SACB Datasheet HTML 2Page - Anova Technologies CO., LTD. SACB Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SACB Series
www.anova-semi.com
Revision: B
Dec-29-2015
P. 1
Low Capacitance
Stand-Off Voltage: 5.0 to 50 V
Peak Pulse Power: 500 W
●
●
●
●
●
●
●
●
●
●
●
Note:
RoHS compliant
Surface Mount
Transient Voltage Suppressors
Features
SMB/ DO-214AA
Glass passivated chip
500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Excellent clamping capability
Very fast response time
Polarity: Color band denotes TVS cathode end
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026 guranteed
Mounting position: Any
Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform(1)
PPP
500
W
Power dissipation on infinite heatsink at TL = 75 °C(Fig.2)
PD
3.0
W
Peak pulse current with a 10/1000μs waveform(Fig.2)(1)
IPP
See Next Table
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to +150
°C
(1)Non-repetitive current pulse per Fig.3 and derated above TA= 25 °C per Fig.2


Similar Part No. - SACB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
logo
Socay Electornics Co., ...
SACB SOCAY-SACB Datasheet
325Kb / 4P
Surface Mount Transient Voltage Suppressors
logo
StarHope
SACB SPSEMI-SACB Datasheet
523Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
logo
UN Semiconducctor INC
SACB UNSEMI-SACB Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
SACB10 LITTELFUSE-SACB10 Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
More results

Similar Description - SACB

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com