Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACB Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # SACB
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SACB Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  SACB Datasheet HTML 1Page - Anova Technologies CO., LTD. SACB Datasheet HTML 2Page - Anova Technologies CO., LTD. SACB Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SACB Series
www.anova-semi.com
Revision: B
Dec-29-2015
P. 3
SACB5.0
SAD
5.0
7.60
300
10.0
44.00
45
75
1
100
SACB6.0
SAE
6.0
7.90
300
11.2
41.00
45
75
1
100
SACB7.0
SAF
7.0
8.33
300
12.6
38.00
45
75
1
100
SACB8.0
SAG
8.0
8.89
100
13.4
36.00
45
75
1
100
SACB8.5
SAH
8.5
9.44
50
14.0
34.00
45
75
1
100
SACB10
SAK
10.0
11.10
5
16.3
29.00
45
75
1
100
SACB12
SAL
12.0
13.30
5
19.0
25.00
45
75
1
100
SACB15
SAM
15.0
16.70
5
23.6
20.00
45
75
1
100
SACB18
SAN
18.0
20.00
5
28.8
15.00
45
75
1
100
SACB22
SAP
22.0
24.40
5
35.4
14.00
45
75
1
100
SACB26
SAQ
26.0
28.90
5
42.3
11.10
45
75
1
100
SACB30
SAR
30.0
33.30
5
48.6
10.00
45
75
1
100
SACB36
SAS
36.0
40.00
5
60.0
8.60
45
75
1
100
SACB45
SAT
45.0
50.00
5
77.0
6.80
45
150
1
200
SACB50
SAU
50.0
55.50
5
88.0
5.80
45
150
1
200
Working
Inverse
Blocking
Voltage
VWIB
(V)
Inverse
Blocking
Leakage
Current IIB
@VWIB
(mA)
Peak
Inverse
Voltage
VPIB
(V)
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part
Number
Device
Marking
Code
Stand-Off
Voltage
VWM
(V)
Minimum
Breakdown
Voltage
VBR@
IT=1.0mA
(V)
Maximum
Reverse
Leakage IR
@VWM
(uA)
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Junction
Capacitance
@0 V
(pF)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com