Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP401ACEZ-R0 Datasheet(PDF) 3 Page - TDK Electronics

Part # INMP401ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP401ACEZ-R0 Datasheet(HTML) 3 Page - TDK Electronics

  INMP401ACEZ-R0 Datasheet HTML 1Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 2Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INMP401
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA
= −40 to 85°C, V
DD = 1.5 to 3.3 V, unless otherwise noted. All minimum and maximum specifications are guaranteed across
temperature and voltage, and are specified in Table 1, unless otherwise noted. Typical specifications are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−45
−42
−39
dBV
Signal-to-Noise Ratio (SNR)
62
dBA
Equivalent Input Noise (EIN)
32
dBA SPL
Dynamic Range
Derived from EIN and
maximum acoustic input
88
dB
Frequency Response
Low frequency
−3 dB point
60
Hz
1
High frequency
−3 dB point
15
kHz
Total Harmonic Distortion (THD)
105 dB SPL
3
%
Power-Supply Rejection (PSR)
217 Hz, 100 mVp-p square
wave superimposed on VDD
= 1.8 V
−70
dBV
Maximum Acoustic Input
Peak
120
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
1.5
3.3
V
Supply Current (IS)
250
µA
OUTPUT CHARACTERISTICS
Output Impedance (ZOUT)
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
Note 1: See Figure 3 and Figure 4.
Page 3 of 14
Document Number: DS-INMP401-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com