Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP401ACEZ-R0 Datasheet(PDF) 12 Page - TDK Electronics

Part # INMP401ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP401ACEZ-R0 Datasheet(HTML) 12 Page - TDK Electronics

Back Button INMP401ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 13Page - TDK Electronics INMP401ACEZ-R0 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
INMP401
OUTLINE DIMENSIONS
Figure 10. 3-Terminal Chip Array Small Outline No-Lead Cavity [LGA_CAV]
4.72 × 3.76 × 1.00 mm Body
Dimensions shown in millimeters
Figure 11. Package Marking Specification (Top View)
3.86
3.76
3.66
4.82
4.72
4.62
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.90 DIA.
(PINS 1, 5, 6)
1
3
2
4
5
6
2.62 BSC
3.30 REF
1.10 DIA.
1.68 DIA.
0.25 DIA.
(THRU HOLE)
0.79 BSC
2.54
BSC
1.27 BSC
1.10
1.00
0.90
0.24 REF
0.73 REF
1.20 BSC
2.40 BSC
0.68 REF
0.61 REF
0.70 DIA.
(PINS 2, 4)
3.14
REF
4.10 REF
REFERENCE
CORNER
PIN 1
YYXXXX
401
LOT TRACEABILITYCODE
PIN 1 INDICATION
PART NUMBER
DATECODE
Page 12 of 14
Document Number: DS-INMP401-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com