Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2558NUB Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM2558NUB
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2558NUB Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM2558NUB Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.sinopowersemi.com
3
SM2558NUB
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.5 - July, 2015
®
Electrical Characteristics (Cont.) (T
A = 25°C Unless Otherwise Noted)
SM2558NUB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
R
G
Gate Resistance
V
GS=0V,VDS=0V,F=1MHz
-
1.6
-
C
iss
Input Capacitance
-
2000
2800
C
oss
Output Capacitance
-
400
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
320
-
pF
td(ON)
Turn-on Delay Time
-
14
26
tr
Turn-on Rise Time
-
12
23
td(OFF)
Turn-off Delay Time
-
49
89
tf
Turn-off Fall Time
VDD=15V, RL=15Ω,
IDS=1A, VGEN=10V,
RG=6
-
21
39
ns
Gate Charge Characteristics
b
Q
g
Total Gate Charge
-
22.5
32
Q
gs
Gate-Source Charge
-
5.6
-
Q
gd
Gate-Drain Charge
VDS=15V, VGS=4.5V,
IDS=40A
-
13
-
nC
Note a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
Note b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com