Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2558NUB Datasheet(PDF) 6 Page - Sinopower Semiconductor Inc

Part # SM2558NUB
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2558NUB Datasheet(HTML) 6 Page - Sinopower Semiconductor Inc

Back Button SM2558NUB Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 9Page - Sinopower Semiconductor Inc SM2558NUB Datasheet HTML 10Page - Sinopower Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.sinopowersemi.com
6
SM2558NUB
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.5 - July, 2015
®
Drain-Source On Resistance
Tj - Junction Temperature (
°C)
VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward
VDS - Drain - Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Operating Characteristics (Cont.)
-50
-25
0
25
50
75
100 125 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
R
ON
@T
j
=25
oC: 4.5m
V
GS
= 10V
I
DS
= 40A
0.0
0.3
0.6
0.9
1.2
1.5
0.5
1
10
100
160
T
j
=150
oC
T
j
=25
oC
0
5
10
15
20
25
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Frequency=1MHz
Crss
Coss
Ciss
0
9
18
27
36
45
0
1
2
3
4
5
6
7
8
9
10
V
DS
= 15V
I
D
= 40A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com