Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2610NSC Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM2610NSC
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2610NSC Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM2610NSC Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.sinopowersemi.com
3
SM2610NSC
®
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.4 - August, 2014
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
1
1.5
3
Ciss
Input Capacitance
410
560
710
Coss
Output Capacitance
73
93
113
Crss
Reverse Transfer Capacitance
V
GS=0V,
VDS=15V,
Frequency=1.0MHz
40
55
70
pF
td(ON)
Turn-on Delay Time
-
7.5
-
tr
Turn-on Rise Time
-
9.5
-
td(OFF)
Turn-off Delay Time
-
18
-
tf
Turn-off Fall Time
VDD=15V, RL=15Ω,
I
DS=1A, VGEN=10V,
R
G=6Ω
-
4.4
-
ns
Gate Charge Characteristics
b
Q
g
Total Gate Charge
VDS=15V, VGS=4.5V,
IDS=8A
-
5
6
Q
g
Total Gate Charge
-
11
14
Q
gth
Threshold Gate Charge
-
0.95
1.3
Qgs
Gate-Source Charge
-
1.9
2.5
Qgd
Gate-Drain Charge
VDS=15V, VGS=10V,
I
DS=8A
-
1.8
2.3
nC
Note a:Pulse test ; pulse width
≤ 300
µs, duty cycle ≤ 2%.
Note b:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com