Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2610NSC Datasheet(PDF) 6 Page - Sinopower Semiconductor Inc

Part # SM2610NSC
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2610NSC Datasheet(HTML) 6 Page - Sinopower Semiconductor Inc

Back Button SM2610NSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 9Page - Sinopower Semiconductor Inc SM2610NSC Datasheet HTML 10Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.sinopowersemi.com
6
SM2610NSC
®
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.4 - August, 2014
Typical Operating Characteristics (Cont.)
V
DS - Drain - Source Voltage (V)
Drain-Source On Resistance
T
j - Junction Temperature (°C)
V
SD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
Q
G - Gate Charge (nC)
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
ON
@T
j
=25
oC: 17.5m
V
GS
= 10V
I
DS
= 8A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
20
T
j
=150
oC
T
j
=25
oC
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
800
Frequency=1MHz
Crss
Coss
Ciss
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
V
DS
= 15V
I
DS
= 8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com