Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFD Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SFD
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFD Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SFD Datasheet HTML 1Page - Sanyou Corporation Limited SFD Datasheet HTML 2Page - Sanyou Corporation Limited SFD Datasheet HTML 3Page - Sanyou Corporation Limited SFD Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Contact Capacity
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
50
.
m
Max
Ω
(1A 6VDC)
5.
.
msec Max (no diode)
1,000
.(
500 )
M
Min DC
V
Ω
AC
V
Hz
1,200 ,50/60
1.
min
AC
V
Hz
4,000 ,50/60
1.
min
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+85℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
7,200
./ )
at
ops h
(
360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000
(at room temperature)
100,000
(at room temperature)
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(.)
Release time at nominal volt
(.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Charateristic Data
Coil Data (20℃)
a
t
20
.
.
msec Max (no diode)
SFD
30
250
A
VAC
30A
277VAC
7,500VA
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
SFD-Series
UL
C UL File No
E
, -
.: 190598
VDE File No.:40007793
CQC File No
CQC
.:
02001002130
3
5
6
9
12
18
24
48
60
400.00
240.00
200.00
134.00
100.00
66.67
50.00
25.00
20.00
7.5
20.8
30
67
120
270
480
1,920
3,000
130 % of
nominal
voltage
70 % of
nominal
voltage
10 % of
nominal
voltage
Approx
.
1.20W
Features
Safety Approval
●
●
●
●
()
.
Normally Open SPST contact form
,30 .
Miniature power relay high capability of
A
65
10000
High impulse current of
A and high surge voltage of
V
.
withstand
.
Miniature relay for high density mounting requirement
SANYOU RELAYS
Relays for advanced technology
Miniature High
Power Relay
version V
: 1.4
Approx.55.0g


Similar Part No. - SFD

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFD CDE-SFD Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
logo
Eravant
SFD-114174-06SF-P1 ERAVANT-SFD-114174-06SF-P1 Datasheet
322Kb / 3P
D-Band Amplitude Detector, Small Signal, Positive
Rev 1.2
SFD-114174-06SF-P1-M ERAVANT-SFD-114174-06SF-P1-M Datasheet
323Kb / 3P
WR-06 Amplitude Detector, Positive Output
Rev 1.1
SFD-114174-243-06SF-N1 ERAVANT-SFD-114174-243-06SF-N1 Datasheet
330Kb / 3P
D-Band Amplitude Detector, Small Signal, Negative
Rev 1.1
SFD-114174-243-06SF-P1 ERAVANT-SFD-114174-243-06SF-P1 Datasheet
328Kb / 3P
D-Band Amplitude Detector, Small Signal, Positive
Rev 1.1
More results

Similar Description - SFD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF68F HONGFA-HF68F Datasheet
63Kb / 3P
MINIATURE HIGH POWER RELAY
HF102F HONGFA-HF102F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF105F-4 HONGFA-HF105F-4 Datasheet
77Kb / 4P
MINIATURE HIGH POWER RELAY
HF115F-Q HONGFA-HF115F-Q Datasheet
65Kb / 3P
MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF116F-3 HONGFA-HF116F-3 Datasheet
81Kb / 4P
MINIATURE HIGH POWER RELAY
HF2160 HONGFA-HF2160 Datasheet
135Kb / 4P
MINIATURE HIGH POWER RELAY
HF118FI HONGFA-HF118FI Datasheet
93Kb / 5P
MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF115FK HONGFA-HF115FK Datasheet
64Kb / 3P
MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com