Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFD Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SFD
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFD Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SFD Datasheet HTML 1Page - Sanyou Corporation Limited SFD Datasheet HTML 2Page - Sanyou Corporation Limited SFD Datasheet HTML 3Page - Sanyou Corporation Limited SFD Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Insulation System
Nil Standard B Class B F Class F
:-
,
-
,
-
Terminal Type
Nil Standard P PCB T Special type
:-
,
-
,
-
Contact Form
M Form A
:-
Coil Power
D
W
: -1.20
Coil Voltage VDC
(
):03, 05, 06, 09, 12, 18, 24, 48, 60
Number of Poles
Pole
:1-1
Type Designation
SFD
:
Special Parameter
Nil Standard type
:-
,
Letter or number Special requirement
-
SFD
CQC
VDE
UL CUL
/
E190598
CQC02001002130
40007793
SFD -1 12
D
M
P
-F - XX
30
250
A
VAC
27
250
A
VAC
30
250
A
VAC
T type
Safety Approval Ratings
Ordering Information
Approval
File No.
Approved ratings
Nomenclature
Outline Dimensions Wiring Diagram
,,
(
:
)
unit
mm
Mounting Holes
Standard
type
PCB
type
30 277
,
/ . .
A
VAC Resistive G P
30 250
,
/ . .
A
VAC Resistive G P
30 120
,
/ . .
A
VAC Resistive G P
3
240
;
HP
VAC
2
240
;
HP
VAC
TV
VAC
-15 120
2
250
HP
VAC
2
125
HP
VAC
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com