Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320ET Datasheet(PDF) 13 Page - STMicroelectronics

Part # M29W320ET
Description  32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320ET Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M29W320ET Datasheet HTML 9Page - STMicroelectronics M29W320ET Datasheet HTML 10Page - STMicroelectronics M29W320ET Datasheet HTML 11Page - STMicroelectronics M29W320ET Datasheet HTML 12Page - STMicroelectronics M29W320ET Datasheet HTML 13Page - STMicroelectronics M29W320ET Datasheet HTML 14Page - STMicroelectronics M29W320ET Datasheet HTML 15Page - STMicroelectronics M29W320ET Datasheet HTML 16Page - STMicroelectronics M29W320ET Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13/46
M29W320ET, M29W320EB
Table 2. Bus Operations, BYTE = VIL
Note: X = VIL or VIH.
Table 3. Bus Operations, BYTE = VIH
Note: X = VIL or VIH.
Operation
E
G
W
Address Inputs
DQ15A–1, A0-A20
Data Inputs/Outputs
DQ14-DQ8
DQ7-DQ0
Bus Read
VIL
VIL
VIH
Cell Address
Hi-Z
Data Output
Bus Write
VIL
VIH
VIL
Command Address
Hi-Z
Data Input
Output Disable
X
VIH
VIH
X
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Read Manufacturer
Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9 = VID,
Others VIL or VIH
Hi-Z
20h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL,
A9 = VID, Others VIL or VIH
Hi-Z
56h (M29W320ET)
57h (M29W320EB)
Extended Memory
Block Verify Code
VIL
VIL
VIH
A0 = VIH, A1 = VIH, A6 = VIL,
A9 = VID, Others VIL or VIH
Hi-Z
81h (factory locked)
01h (not factory locked)
Operation
E
G
W
Address Inputs
A0-A20
Data Inputs/Outputs
DQ15A–1, DQ14-DQ0
Bus Read
VIL
VIL
VIH
Cell Address
Data Output
Bus Write
VIL
VIH
VIL
Command Address
Data Input
Output Disable
X
VIH
VIH
XHi-Z
Standby
VIH
XX
X
Hi-Z
Read Manufacturer
Code
VIL
VIL
VIH
A0 = VIL, A1 = VIL, A9 = VID,
Others VIL or VIH
0020h
Read Device Code
VIL
VIL
VIH
A0 = VIH, A1 = VIL, A9 = VID,
Others VIL or VIH
2256h (M29W320ET)
2257h (M29W320EB)
Extended Memory
Block Verify Code
VIL
VIL
VIH
A0 = VIH, A1 = VIH, A6 = VIL,
A9 = VID, Others VIL or VIH
81h (factory locked)
01h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com