Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W320ET Datasheet(PDF) 21 Page - STMicroelectronics

Part # M29W320ET
Description  32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W320ET Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M29W320ET Datasheet HTML 17Page - STMicroelectronics M29W320ET Datasheet HTML 18Page - STMicroelectronics M29W320ET Datasheet HTML 19Page - STMicroelectronics M29W320ET Datasheet HTML 20Page - STMicroelectronics M29W320ET Datasheet HTML 21Page - STMicroelectronics M29W320ET Datasheet HTML 22Page - STMicroelectronics M29W320ET Datasheet HTML 23Page - STMicroelectronics M29W320ET Datasheet HTML 24Page - STMicroelectronics M29W320ET Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21/46
M29W320ET, M29W320EB
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. Exposure to Abso-
lute Maximum Rating conditions for extended
periods may affect device reliability. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 8. Absolute Maximum Ratings
Note: 1. Compliant with the ECOPACK® 7191395 specification for Lead-free soldering processes.
2. Not exceeding 250°C for more than 30s, and peaking at 260°C.
3. Minimum voltage may undershoot to –2V during transition and for less than 20ns during transitions.
4. Maximum voltage may overshoot to VCC +2V during transition and for less than 20ns during transitions.
5. VPP must not remain at 12V for more than a total of 80hrs.
Symbol
Parameter
Min
Max
Unit
TBIAS
Temperature Under Bias
–50
125
°C
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering(1)
260(2)
°C
VIO
Input or Output Voltage (3,4)
–0.6
VCC +0.6
V
VCC
Supply Voltage
–0.6
4
V
VID
Identification Voltage
–0.6
13.5
V
VPP
(5)
Program Voltage
–0.6
13.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com