Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1621 Datasheet(PDF) 4 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1621
Description  LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1621 Datasheet(HTML) 4 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1621 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 4Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 5Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SC1621
LCD 驱动电路
森川电子科技有限公司
TEL:
0755-88291843
88304213
E-mail: jja@sc-tech.cn
ADD: 深圳市福田滨河路海滨广场福长阁 16 楼
Http:// www.sc-tech.cn
SC1621 A.C. Characteristics
Test Conditions
Parameter
Sym
Min
Typ
Max
Units
VDD
Conditions
--
256
--
3V
System Clock
fSYS1
--
256
--
KHz
5V
On Chip RC Oscillator
32.768
3V
System Clock
fSYS2
32.768
KHz
5V
Crystal Oscillator
256
3V
System Clock
fSYS3
256
KHz
5V
External clock source
--
FSYS1/1024
--
On-chip RC oscillator
--
FSYS2/128
--
Crystal Oscillator
LCD Clock
fLCD
--
FSYS3/1024
--
Hz
--
External clock source
LCD Common Period
tCOM
--
n/fLCD
--
S
n: Number of COM
--
--
150
3V
Serial Date Clock (WR- Pin)
fCLK1
--
--
300
KHz
5V
Duty cycle 50%
--
--
75
3V
Serial Date Clock (RD- Pin)
fCLK2
--
--
150
KHz
5V
Duty cycle 50%
Tone Frequency
fTONE
--
2.0 or 4.0
--
KHz
--
On-chip RC oscillator
3V
Serial
Interface
Reset
Pulse
Width
(Figure 3)
tCS
--
250
--
ns
5V
CS-
3.34
--
--
3V
Write mode
6.67
--
--
5V
Read mode
1.67
--
--
3V
Write mode
WR-, RD- Input Pulse Width (Figure 1)
tCLK
3.34
--
--
us
5V
Read mode
3V
Rise/Full Time Serial Data Clock Width
(Figure 1)
tr,tf
--
120
--
ns
5V
3V
Setup Time for Data to WR-, RD- Clock
Width
(Figure 1)
tsu
--
120
--
ns
5V
3V
Hold Time for Data to WR-, RD- Clock
Width
(Figure 1)
th
--
120
--
ns
5V
3V
Setup Time for Data to CS- Clock Width
(Figure 1)
tsu1
--
100
--
ns
5V
3V
Hold Time for Data to CS- Clock Width
(Figure 1)
th1
--
100
--
ns
5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com