Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1621 Datasheet(PDF) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # SC1621
Description  LCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

SC1621 Datasheet(HTML) 3 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  SC1621 Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 4Page - Silvan Chip Electronics Tech.Co.,Ltd. SC1621 Datasheet HTML 5Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SC1621
LCD 驱动电路
森川电子科技有限公司
TEL:
0755-88291843
88304213
E-mail: jja@sc-tech.cn
ADD: 深圳市福田滨河路海滨广场福长阁 16 楼
Http:// www.sc-tech.cn
SC1621 D.C. Characteristics
Test Conditions
Parameter
Sym
Min
Typ
Max
Units
VDD
Conditions
Operating Voltage
VDD
3.0
--
5.0
V
--
--
0.1
5.0
3V
Stand by Current
IDD
--
0.3
10.0
uA
5V
No load
Power down mode
--
150
300
3V
Operating Current
IOP
--
300
600
mA
5V
No load/LCD ON
On-chip RC oscillator
--
60
120
3V
Operating Current
IOP
--
120
240
mA
5V
No load/LCD ON
Crystal oscillator
--
100
200
3V
Operating Current
IOP
--
200
400
mA
5V
No load/LCD ON
External clock source
0
--
0.6
3V
Input Low Voltage
VIL
0
--
1.0
V
5V
DATA, WR-, CS-, RD-
2.4
--
3.0
3V
Input High Voltage
VIH
4.0
--
5.0
V
5V
DATA, WR-, CS-, RD-
0.5
1.2
--
3V
VOL=0.3V
DATA, BZ, BZ-, IRQ-
IOL1
1.3
2.6
--
mA
5V
VOL=0.5V
-0.4
-0.8
--
3V
VOH=2.7V
DATA, BZ, BZ-
IOH1
-0.9
-1.8
--
mA
5V
VOH=4.5 V
80
150
--
3V
VOL=0.3V
LCD Common Sink Current
IOL2
150
250
--
uA
5V
VOL=0.5V
-80
-120
--
3V
VOH=2.7V
LCD Common Source Current
IOH2
-120
-200
--
uA
5V
VOH=4.5 V
60
120
--
3V
VOL=0.3V
LCD Segment Sink Current
IOL3
120
200
--
uA
5V
VOL=0.5V
-40
-70
--
3V
VOH=2.7V
LCD Segment Source Current
IOH3
-70
-100
--
uA
5V
VOH=4.5 V
40
80
150
3V
Pull High Resistor
RPH
30
60
100
KΩ
5V
DATA, WR-, CS-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com