Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SLE
Description  Photovoltaic Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLE Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SLE Datasheet HTML 1Page - Sanyou Corporation Limited SLE Datasheet HTML 2Page - Sanyou Corporation Limited SLE Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
SLE Series
-
UL
C UL File No
,-
.:
E190598
VDE File No
.:40036707
12
24
187.50
93.75
64
256
35
277
AVAC
35A
277VAC
9,695VA
. 30.0
Approx
g
50 Ω
m
Max.(1A 6VDC)
15
.
.
msec Max (no diode)
100M
.(
500 )
Min DC
V
Ω
AC2
V
Hz min
,500 ,50/60
1
.
AC4
V
Hz
in
,000 ,50/60
1
.
m
Silver alloy
Between open contacts
:
Between coil and contact
:
-40℃~+85℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
( 7,200
./ )
at
ops h
( 360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
5,000,000 cycles
30,000 cycles(the ventilation hole open)
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(.)
Release time at nominal volt
(.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
Charateristic Data
18
.
.
msec Max (no diode)
130 % of
nominal
voltage
75 % of
nominal
voltage
5% of
nominal
voltage
2.25W
Features
Safety Approval
●
:35 .
Miniature relay with high switching capability
A
:
Contact form
Form A
contact Gap>1.8mm
.
,
4000
6000
VAC dielectric strength high and
V surge
(1.2/50
)
.
voltage
uS
between coil and contact
Product in accordance to IEC60335-1 and PTI>=325.
SANYOU RELAYS
Relays for advanced technology
Photovoltaic Relay
SLE-DM
version V1.5
:
Coi
l
Data
1/3
Note The coil voltage can reduce to
.
of the rated coil voltage after the relay s coil have energized
:
40% .. 50%
'
with the rated coil voltage more than
ms
50
。
●
●
●
●
●
The appliance is able to meet VDE V 0126-1-1.
℃
EN61095:AC7a at 85
.
(20 )
at
℃
CQC File No
.:CQC02001002109
CCC File No
.:2017010304978127
CE File No
.:GE170305005551-A1
at room temperature
at room temperature


Similar Part No. - SLE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
Snap-Lock Environmentally Sealed - Rectangular
logo
Winchester Electronics ...
SLE WINCHESTER-SLE Datasheet
4Mb / 93P
Rack & Panel
logo
Automatic Timing & Cont...
SLE ATC-SLE Datasheet
293Kb / 1P
Phase Monitor
SLE-120-ALE ATC-SLE-120-ALE Datasheet
293Kb / 1P
Phase Monitor
SLE-230-ALE ATC-SLE-230-ALE Datasheet
293Kb / 1P
Phase Monitor
More results

Similar Description - SLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
logo
International Rectifier
PVX6012 IRF-PVX6012 Datasheet
88Kb / 4P
IGBT Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312_06 Datasheet
507Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
logo
International Rectifier
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
logo
Fairchild Semiconductor
HSR412SR2 FAIRCHILD-HSR412SR2 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
logo
International Rectifier
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay
logo
Fairchild Semiconductor
HSR412LSR2 FAIRCHILD-HSR412LSR2 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com