Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SLE
Description  Photovoltaic Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SLE Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SLE Datasheet HTML 1Page - Sanyou Corporation Limited SLE Datasheet HTML 2Page - Sanyou Corporation Limited SLE Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SLE
Safety Approval Ratings
(Note:More detail of approval ratings,please refer to the safety certification)
Approval
File No
.
Approved
ratings
Ordering Information
Nomenclature
SLE
-S -1 12 D
1 -F -XX
:-
,
Special Parameter
Nil Standard type
Letter or number Special requirement
-
Contact Material
Nil AgSnO
AgNi
:-
, 1-
2
Insulation System
Nil Standard B Class B F Class F
:-
, -
, -
Contact
:-
Form M Form A
Protective Construction
S Flux proofed
:-
Coil Power
D
W
: -2.25
Coil Voltage VDC
(
):12, 24
Number of Poles
Pole
:1-1
Type Designation
SLE
:
SH Sealed type washable
-
Unless otherwise specified
:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note
Extended terminal dimension is dimension
:1.
.
before soldering
2.
. . .
: 0.1
.
Tolerance of P C B layout
mm
Outline Dimensions Wiring Diagram P C
,, . .
(
:
)
unit
mm
Board Layout
bottom view
UL CUL
/
E190598
VDE
CQC
CCC
40036707
CQC02001002109 2017010304978127
M
1/3
2/3
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
CE
CE170305005551-A1
125/250/277VAC
35A
125/250/277VAC
35A
35A 125/250/277VAC
35 125/250
/277
AVAC
VAC
AC
Ie
A,U
-1, :40
230
e: AC
V
Resistive
Resistive
COSΦ=0.8
AC a
-7
AC
Ie
A,U
-1, :40
230
e: AC
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com