Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LI-M034USB3-AF Datasheet(PDF) 1 Page - Leopard Imaging Inc.

Part # LI-M034USB3-AF
Description  USB 3.0 ZOOM Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEOPARD [Leopard Imaging Inc.]
Direct Link  https://leopardimaging.com/
Logo LEOPARD - Leopard Imaging Inc.

LI-M034USB3-AF Datasheet(HTML) 1 Page - Leopard Imaging Inc.

  LI-M034USB3-AF Datasheet HTML 1Page - Leopard Imaging Inc. LI-M034USB3-AF Datasheet HTML 2Page - Leopard Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LI-M034USB3-AF
LEOPARD IMAGING INC
Data Sheet
Overview
Leopard Imaging USB 3.0 camera is new
generation super speed USB Video camera
which
supports
more
than
3G
video
bandwidth to stream 1080p 30fps video
without compression, it provides sharper
and high quality images for scientific and
medical industries, Global shutter camera
can support high speed conveyor line for
machine vision application, lossless image
quality and low latency streaming is great
for video conference camera industry.
Applications
Machine Vision
Medical Camera
Video Conference
Scientific Camera
Key Features
USB 3.0 Super Speed support
YUV output without compression
UVC compliance
USB 2.0 backwards compatible
Support Manual 18X Zoom
function
Support Manual Focus function
Support stereo audio
Provide customization services
Dimensions: 90mmx50mmx50mm
USB +5VDC powered device
Leopard Imaging Inc.
1130 Cadillac Ct., Milpitas, CA 95035,USA
Phone: +1-408-263-0988
Fax: +1-408-217-1960
Email:sales@leopardimaging.com
Website: www.leopardimaging.com
www.leopard-security.com


Similar Part No. - LI-M034USB3-AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LI-3M02CM ETC2-LI-3M02CM Datasheet
104Kb / 1P
3M CAMERA MODULE LI-3MO2CM
logo
Leopard Imaging Inc.
LI-AR0144-GMSL LEOPARD-LI-AR0144-GMSL Datasheet
813Kb / 8P
SerDes Camera
LI-AR0220-FPDLINKIII LEOPARD-LI-AR0220-FPDLINKIII Datasheet
690Kb / 7P
SerDes Camera
LI-AR0220-FPDLINKIII-060H LEOPARD-LI-AR0220-FPDLINKIII-060H Datasheet
690Kb / 7P
SerDes Camera
LI-AR0220-FPDLINKIII-090H LEOPARD-LI-AR0220-FPDLINKIII-090H Datasheet
690Kb / 7P
SerDes Camera
More results

Similar Description - LI-M034USB3-AF

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1160 LVL1-FCS-1160 Datasheet
571Kb / 4P
Zoom Network Camera
FCS-5042 LVL1-FCS-5042 Datasheet
573Kb / 4P
Zoom Network camera
FCS-5043 LVL1-FCS-5043 Datasheet
562Kb / 4P
Zoom Network camera
FCS-5055 LVL1-FCS-5055 Datasheet
657Kb / 4P
Zoom Network Camera
logo
Leopard Imaging Inc.
LI-USB30-C570X LEOPARD-LI-USB30-C570X Datasheet
164Kb / 2P
USB 3.0 Camera Module
LI-USB30-C661X LEOPARD-LI-USB30-C661X Datasheet
162Kb / 2P
USB 3.0 Camera Module
LI-USB30-IMX225C LEOPARD-LI-USB30-IMX225C Datasheet
189Kb / 2P
USB 3.0 Camera Module
LI-USB30-M034WDRB LEOPARD-LI-USB30-M034WDRB Datasheet
190Kb / 2P
USB 3.0 Box Camera
LI-USB30-OV10640C LEOPARD-LI-USB30-OV10640C Datasheet
165Kb / 2P
USB 3.0 Camera Module
LI-USB30-V034M LEOPARD-LI-USB30-V034M Datasheet
216Kb / 2P
USB 3.0 Camera Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com