Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LI-M034USB3-AF Datasheet(PDF) 2 Page - Leopard Imaging Inc.

Part # LI-M034USB3-AF
Description  USB 3.0 ZOOM Camera
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEOPARD [Leopard Imaging Inc.]
Direct Link  https://leopardimaging.com/
Logo LEOPARD - Leopard Imaging Inc.

LI-M034USB3-AF Datasheet(HTML) 2 Page - Leopard Imaging Inc.

  LI-M034USB3-AF Datasheet HTML 1Page - Leopard Imaging Inc. LI-M034USB3-AF Datasheet HTML 2Page - Leopard Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification
General Behavior
Video Resolution @ Frame rate
1280 x 960 @ 30 fps
1280 x 720 @ 30 fps
768 x 432 @ 30 fps
640 x 480 @ 30 fps
640 x 360 @ 30 fps
352 x 288 @ 30 fps
320 x 240 @ 30 fps
Sensitivity
TBD
Dynamic range
12 bit
Audio
Support stereo audio
Interface (Optical)
IR cut filter
Yes
Sensor specification
Aptina MT9M034 720p HD Sensor
Shutter
Rolling
Format
1/3”
Resolution
H:1280, V:960
Pixel size
H:3.75 um, V: 3.75 um
WDR
Support WDR (Wide Dynamic Range)
Interface (Electrical)
Interface
USB 3.0
Supply voltage
USB 3.0 +5 VDC power source
Current consumption
Approx. 520 mA at 5 VDC
Interface (Mechanical)
Dimensions
L: 90 mm, W: 50 mm, H: 50 mm
Mass
128 g
Adjustment (Manual)
Shutter
TBD
Gain
TBD
Zoom
TBD
Focus
TBD
Adjustment (Auto)
Shutter
TBD
Gain
TBD
Environmental
Max. temperature (operation)
0 °C ~ 50 °C (32 °F~ 122 °F)
Max. temperature (storage)
-
20 °C ~ 80 °C (-4 °F~176 °F)
Max. humidity (operation)
20 % ~ 80 %, relative, non-condensing
Max. humidity (storage)
20 % ~ 80 %, relative, non-condensing
Leopard Imaging Inc.
1130 Cadillac Ct., Milpitas, CA 95035,USA
Phone: +1-408-263-0988
Fax: +1-408-217-1960
Email:sales@leopardimaging.com
Website: www.leopardimaging.com
www.leopard-security.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com