Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L200 Datasheet(PDF) 4 Page - PFC Device Inc.

Part # PFS5L200
Description  5A 200V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L200 Datasheet(HTML) 4 Page - PFC Device Inc.

  PFS5L200 Datasheet HTML 1Page - PFC Device Inc. PFS5L200 Datasheet HTML 2Page - PFC Device Inc. PFS5L200 Datasheet HTML 3Page - PFC Device Inc. PFS5L200 Datasheet HTML 4Page - PFC Device Inc. PFS5L200 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Characteristics
Version 4.3
4 / 5
www.pfc-device.com
PFS5L200
3. Marking information
Top Marking Rule
PFS5L200 = Product Type Marking Code
YYWW = Date Code
YY = Last two digits of year
WW = Week code
S = Series Number
H = Halogen Free (N/A = common molding compound)
4. Package information
Package Outline Dimensions millimeters
Dim.
Min.
Max.
A1
A2
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
25.4 typ.
All Dimensions in millimeter
DO-201AD
25.4 typ.
PFS5L200
YYWWSH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com