Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5L200 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS5L200
Description  5A 200V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS5L200 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS5L200 Datasheet HTML 1Page - PFC Device Inc. PFS5L200 Datasheet HTML 2Page - PFC Device Inc. PFS5L200 Datasheet HTML 3Page - PFC Device Inc. PFS5L200 Datasheet HTML 4Page - PFC Device Inc. PFS5L200 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5A 200V MOS Schottky Rectifier
Apr-2018
Version 4.3
1 / 5
PFC Device Corporation
PFS5L200
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5
A
VRRM
200
V
VF@ 5A , Tj=125
oC
0.70
V, typ.
TJ Operating Junction
Temperature
-65 to +175
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
175
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS5L200
DO-201AD


Similar Part No. - PFS5L200

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFS5L150 PFC-PFS5L150 Datasheet
561Kb / 5P
5A 150V MOS Schottky Rectifier
PFS5L300 PFC-PFS5L300 Datasheet
562Kb / 5P
5A 300V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L45 PFC-PFS5L45 Datasheet
565Kb / 5P
5A 45V MOS Schottky Rectifier
PFS5L60 PFC-PFS5L60 Datasheet
564Kb / 5P
5A 60V MOS Schottky Rectifier
More results

Similar Description - PFS5L200

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P3L200F-A PFC-P3L200F-A Datasheet
666Kb / 5P
3A 200V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
5A 200V MOS Schottky Rectifier
P5200A PFC-P5200A Datasheet
693Kb / 5P
5A 200V MOS Schottky Rectifier
P5200F-A PFC-P5200F-A Datasheet
669Kb / 5P
5A 200V MOS Schottky Rectifier
PFR20L200CT PFC-PFR20L200CT Datasheet
775Kb / 7P
20A 200V MOS Schottky Rectifier
PFR20V200CT PFC-PFR20V200CT Datasheet
775Kb / 7P
20A 200V MOS Schottky Rectifier
PFR30V200CT PFC-PFR30V200CT Datasheet
775Kb / 7P
30A 200V MOS Schottky Rectifier
PFR10200CT PFC-PFR10200CT Datasheet
775Kb / 7P
10A 200V MOS Schottky Rectifier
PFR20200PT PFC-PFR20200PT Datasheet
660Kb / 6P
20A 200V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com