Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS15L45 Datasheet(PDF) 3 Page - PFC Device Inc.

Part # PFS15L45
Description  15A 45V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS15L45 Datasheet(HTML) 3 Page - PFC Device Inc.

  PFS15L45 Datasheet HTML 1Page - PFC Device Inc. PFS15L45 Datasheet HTML 2Page - PFC Device Inc. PFS15L45 Datasheet HTML 3Page - PFC Device Inc. PFS15L45 Datasheet HTML 4Page - PFC Device Inc. PFS15L45 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristics
Version 4.2
3 / 5
www.pfc-device.com
PFS15L45
2. Characteristics Curves
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 1: Current Derating, Case
Figure 2: Maximum Repetitive Surge Current
Figure 3: Typical Forward Voltage
Figure 4: Typical Reverse Current
Figure 5: Typical Junction Capacitance
3. Marking information
0
5
10
15
20
0
25
50
75
100
125
150
Tc, Case Temp (oC)
0
50
100
150
200
250
300
1
10
100
Number of Cycles at 60 Hz
1
10
100
150
200
250
300
350
400
450
500
Vf, Instantaneous Forward Voltage (mV)
Tj=75
℃
Tj=25
℃
Tj=100
℃
Tj=125
℃
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
45
VR, Reverse Voltage (Volts)
Tj=125
℃
Tj=25
℃
Tj=75
℃
Tj=100
℃
100
1000
10000
0
1
10
Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com