Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS15L45 Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFS15L45
Description  15A 45V MOS Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFS15L45 Datasheet(HTML) 1 Page - PFC Device Inc.

  PFS15L45 Datasheet HTML 1Page - PFC Device Inc. PFS15L45 Datasheet HTML 2Page - PFC Device Inc. PFS15L45 Datasheet HTML 3Page - PFC Device Inc. PFS15L45 Datasheet HTML 4Page - PFC Device Inc. PFS15L45 Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15A 45V MOS Schottky Rectifier
Apr-2018
Version 4.2
1 / 5
PFC Device Corporation
PFS15L45
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
15
A
VRRM
45
V
VF@ 15A , Tj=125
oC
0.44
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFS15L45
DO-201AD


Similar Part No. - PFS15L45

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PFS154 PADAUK-PFS154 Datasheet
1Mb / 91P
8bit MTP Type IO controller
PFS154-1J16A PADAUK-PFS154-1J16A Datasheet
1Mb / 91P
8bit MTP Type IO controller
PFS154-D16 PADAUK-PFS154-D16 Datasheet
1Mb / 91P
8bit MTP Type IO controller
PFS154-M10 PADAUK-PFS154-M10 Datasheet
1Mb / 91P
8bit MTP Type IO controller
PFS154-S08 PADAUK-PFS154-S08 Datasheet
1Mb / 91P
8bit MTP Type IO controller
More results

Similar Description - PFS15L45

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1545PH KODENSHI-SDB1545PH Datasheet
284Kb / 5P
45V, 15A POWER SCHOTTKY RECTIFIER
SDB1545PH-1 KODENSHI-SDB1545PH-1 Datasheet
284Kb / 5P
45V, 15A POWER SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSPB15U45S TSC-TSPB15U45S Datasheet
218Kb / 4P
15A, 45V Trench Schottky Rectifier
logo
PFC Device Inc.
P10V45SP PFC-P10V45SP Datasheet
723Kb / 5P
10A 45V MOS Schottky Rectifier
P15L45SP PFC-P15L45SP Datasheet
726Kb / 5P
15A 45V MOS Schottky Rectifier
PFC15V45R PFC-PFC15V45R Datasheet
578Kb / 5P
15A 45V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
30A 45V MOS Schottky Rectifier
PFR30A45PT PFC-PFR30A45PT Datasheet
663Kb / 6P
30A 45V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
15A/45V Low VF Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP15M45SH TSC-TSUP15M45SH Datasheet
432Kb / 5P
15A, 45V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com