Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROBES Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # PROBES
Description  The only active scanning probe that the measuring force is controllable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

PROBES Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  PROBES Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD PROBES Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
TOKYO SEIMITSU
PH10T
PTS-30
TP2
TP1
TP20
PH1-TP2
TP200
MH20i
■Touch-TriggerProbes
Model
TP200
TP20
TP2
Measuring direction
±X, ±Y, ±Z
±X, ±Y, +Z
±X, ±Y, +Z
Repeatability (2 σ)
0.4 μm or less
(at 50 mm of stylus length)
0.35 μm or less
(at 10 mm of stylus length)
0.35 μm or less
(at 10 mm of stylus length)
Measuring force
(SF module)
Vertical direction
About 0.02 N (2 gf)
About 0.08 N (8 gf)
About 0.07 to 0.15 N (7 to 15 gf)
Horizontal direction
About 0.07 N (7 gf)
About 0.75 N (75 gf)
About 0.4 N (40 gf)
Module change
repeatability
Auto change
±0.5 μm
±0.5 μm
-
Manual change
±1.0 μm
±1.0 μm
Sylus change rack model
SCR200
MCR20
Model
PTS-30
MH20i
PH1-TP2
TP1
Measuring direction
±X, ±Y, ±Z
±X, ±Y, +Z
±X, ±Y, +Z
±X, ±Y, +Z
Repeatability (2 σ)
0.5 μm or less
(at 50 mm of stylus length)
0.35 μm or less
(at 10 mm of stylus length)
0.35 μm or less
(at 10 mm of stylus length)
0.5 μm or less
(at 31 mm of stylus length)
Measuring force
Vertical direction
About 0.01 N (1 gf)
About 0.08 N (8 gf)
About 0.07 to 0.15 N (7 to 15 gf)
About 0.1 to 0.5 N (10 to 50 gf)
Horizontal direction
About 0.01 N (1 gf)
About 0.75 N (75 gf)
About 0.4 N (40 gf)
About 0.4 to 2.5 N (40 to 250 gf)
Rotation
mechanism
Vertical direction
-
0 to 90° (15°steps)
±115°
-
±180° (15°steps)
360° (15°steps)
Probe corresponding to stylus automatic
change system.
Sensing mechanism is integrated in probe
body.
Probe with manual vertical and horizontal
axes rotating mechanism, which is repro-
ducible in positioning.
Tokyo Seimitsu’s high-accuracy probe.
Measuring force is 0.01 N with high-sensi-
tivity sensing method.
It can be used in combination with a stylus,
which max. length is 20 mm and max.
weight is 300 g.
Probe corresponding to stylus automatic
change system.
Sensing mechanism is integrated in
module.
Probe with manual vertical and horizontal
axes rotating mechanism,
which is widely used for manual coordi-
nate measuring machine.
Basic type probe of TP200 and TP20.
Basic probe used widely for manual coordi-
nate measuring machine.
Photo shows a probe with swing
mechanism.
Probe
Body
Probe
Body
Probe Body
Module
Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com