Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROBES Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # PROBES
Description  The only active scanning probe that the measuring force is controllable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

PROBES Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  PROBES Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD PROBES Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
TOKYO SEIMITSU
ACCESSORY
VAST XT probe head combines the two probing technology: point-to-point measurement
and high-speed scanning measurement. This enables dimension measurement as well as
profile inspections and position inspections.
The only active scanning probe that the measuring force is controllable
VAST XT gold
Probe Model
VAST XT gold
Single point
Active scanning
Measuring force
Min. 50 mN
Measurement time
Point measurement
2 sec/point
Scanning measurement
200 point/sec
Applicable stylus
Stylus length
Max. 500 mm
Stylus weight
Max. 500 g
Minimum ball diameter
Φ 0.5 mm
Navigator function
A rack for stylus automatic change system can store several adapter plates
with various styli. Automatic exchange of styli as needed improves measuring
efficiency.
An adapter plate is equipped to VAST XT
probe head.
A reference plate is marked with a red ring.
It is possible to attach a stylus to an adapter plate using an extension shaft, adapter
or joint.The available lengths of extensions are 40 mm to 600 mm.
Features
Coordinate Measuring Machine
Probes


Similar Part No. - PROBES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PROBE ETC-PROBE Datasheet
89Kb / 3P
TYPE K HEATING, VENT AND REFRIGERATION PROBE KIT
logo
Velleman Group nv All r...
PROBE250 VELLEMAN-PROBE250 Datasheet
342Kb / 1P
OSCILLOSCOPE PROBE 250MHz
2/15/2019
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
NTC thermistors for temperature measurement
logo
List of Unclassifed Man...
PROBEE-ZE10 ETC-PROBEE-ZE10 Datasheet
729Kb / 17P
Zigbe oem module
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
More results

Similar Description - PROBES

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
The probe includes the accessories shown below.
logo
Extech Instruments Corp...
BR-9CAM EXTECH-BR-9CAM Datasheet
196Kb / 2P
Borescope Probe For use with the BR200 / BR250 Borescope only
BR-17CAM-5M EXTECH-BR-17CAM-5M Datasheet
195Kb / 2P
Camera Probe For use with the BR200 / BR250 Borescope only
logo
Wurth Elektronik GmbH &...
784787101 WURTH-784787101 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787120 WURTH-784787120 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
784787121 WURTH-784787121 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
logo
PHOENIX CONTACT
2400251 PHOENIX-2400251 Datasheet
68Kb / 6P
For operational purposes only - the browser is the only interaction interface
2400253 PHOENIX-2400253 Datasheet
67Kb / 6P
For operational purposes only - the browser is the only interaction interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com