Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7705 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7705
Description  4ch Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7705 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7705 Datasheet HTML 1Page - OKI electronic componets MSM7705 Datasheet HTML 2Page - OKI electronic componets MSM7705 Datasheet HTML 3Page - OKI electronic componets MSM7705 Datasheet HTML 4Page - OKI electronic componets MSM7705 Datasheet HTML 5Page - OKI electronic componets MSM7705 Datasheet HTML 6Page - OKI electronic componets MSM7705 Datasheet HTML 7Page - OKI electronic componets MSM7705 Datasheet HTML 8Page - OKI electronic componets MSM7705 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
¡ Semiconductor
MSM7705-01/02/03
4/20
PIN AND FUNCTIONAL DESCRIPTIONS
AIN1, AIN2, AIN3, AIN4, GSX1, GSX2, GSX3, GSX4
AIN1, AIN2, AIN3, and AIN4 are the transmit analog inputs for channels 1, 2, 3 and 4
respectively.
GSX1, GSX2, GSX3, and GSX4 are the transmit level adjustments for channels 1, 2, 3 and 4
respectively.
AIN1, AIN2, AIN3, and AIN4 are connected to the inverting inputs for the op-amps. GSX1, GSX2,
GSX3, and GSX4 are connected to the outputs for the op-amps. They are used to adjust levels as
shown below, and are connected to the outputs of the op-amps.
During power saving mode and power down mode, the GSX1, GSX2, GSX3, and GSX4 outputs
are at 0 V.
When these pins are not used, connect AIN1 to GSX1, AIN2 to GSX2, AIN3 to GSX3, and AIN4
to GSX4.
CHn
Analog Input
+
–
AINn
C1n
R1n
R2n
GSXn
CHn Gain
Gain = R2n/R1n £ 10
R1n: Variable
R2n > 20 kW
C1n > 1/(2 ¥ 3.14 ¥ 30 ¥ R1n) (F)
AOUT1, AOUT2, AOUT3, AOUT4
AOUT1, AOUT2, AOUT3, and AOUT4 are the receive filter outputs for channels 1, 2, 3, and 4
respectively.
When the digital signal of +3 dBm0 is input to DIN1, DIN2, DIN3, and DIN4, the output signal
has an amplitude of 3.4 VPP above and below the signal ground voltage (SG : 1/2 VDD). The
output can drive a load of 600 W or more.
During power saving or power down mode, these outputs are at the voltage level of SG with a
high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com