Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7705 Datasheet (PDF) - OKI electronic componets

MSM7705 Datasheet PDF - OKI electronic componets
Part # MSM7705
Download  MSM7705 Download
File Size   144.08 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4ch Single Rail CODEC

MSM7705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7705 Datasheet PDF - OKI electronic componets

Part # MSM7705
Download  MSM7705 Click to download

File Size   144.08 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4ch Single Rail CODEC

MSM7705 Datasheet (HTML) - OKI electronic componets


MSM7705 Product details

GENERAL DESCRIPTION
The MSM7705-01/02/03 are four-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices contain four-channel A/D and D/A converters in a single chip and achieve a reduced footprint and a reduced number of external components.
The MSM7705-01/02/03 are best suited for digital telephone terminals, digital PABXs, and pushbutton phones.

FEATURES
• Single power supply: +5 V
• Power consumption
    Operating mode: 70 mW Typ. 140 mW Max.
    Power-saving mode: 14 mW Typ. 32 mW Max.
    Power-down mode: 0.05 mW Typ. 0.3 mW Max.
• Conforms to ITU-T Companding law
    MSM7705-01: μ/A-law pin-selectable
    MSM7705-02: μ-law
    MSM7705-03: A-law
• Built-in PLL eliminates a master clock
• The PCM interface can be switched between 4 channel serial/parallel
• Transmission clock: 64/128/256/512/1024/2048 kHz
                                   96/192/384/768/1536/1544 kHz
                                   (During 4 channel serial mode, the 64, 96, 128, and 192 kHz clocks are disabled)
• Transmit gain adjustable for each channel
• Built-in reference voltage supply
• Analog output can directly drive a 600 Ω line transformer
• Package:
    44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name : MSM7705-01GS-2K)
                                                                          (Product name : MSM7705-02GS-2K)
                                                                          (Product name : MSM7705-03GS-2K)




Similar Part No. - MSM7705

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7702 OKI-MSM7702 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-01MS-K OKI-MSM7702-01MS-K Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-02 OKI-MSM7702-02 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-03 OKI-MSM7702-03 Datasheet
129Kb / 17P
Single Rail CODEC
More results


Similar Description - MSM7705

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com