Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY32M Datasheet(PDF) 5 Page - Sanyou Corporation Limited

Part # SY32M
Description  Magnetic Latching Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32M Datasheet(HTML) 5 Page - Sanyou Corporation Limited

  SY32M Datasheet HTML 1Page - Sanyou Corporation Limited SY32M Datasheet HTML 2Page - Sanyou Corporation Limited SY32M Datasheet HTML 3Page - Sanyou Corporation Limited SY32M Datasheet HTML 4Page - Sanyou Corporation Limited SY32M Datasheet HTML 5Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/5
(bottom view)
Mounting Holes
S
1A,2A Mounting Holes
1C,2C Mounting Holes
1B,2B Mounting Holes
Typical drawing
Single coil without
this terminal
Single coil without
this terminal
Single coil without
this terminal
Y32M
Typical drawing is just for reference
, customized terminals with metering components are acceptable.
Disclaimer
:
This datasheet is just for customers
' reference. The newest specification you can get from the website of sanyou relays.
We could not evaluate all the performances and parameters for all possible applications
,
choose the suitable relay for their own application or require us to provide necessary help
.
Dongguan Sanyou Electrical appliance Co.,LTD
. All rights reserved. 
Announcements
:
1 The magnetic latching relay is to be supplied with contacts close(Operate) or contacts open(Release),
2 In order to make sure the contacts are completely closed or opened,
be the nominal operate
/release voltage,
specification but less than
1 minute.
status may got changed due to unexpected shock or vibration during delivering or mounting.
Do not apply power to Operate and Release coils at the same time
.
Note
:
Please contact us for any special requirements
.
contact status according to your requirement
.
please contact Sanyou for the technical service
, however, it is the user's responsibility to determine which relay
but the contact
You can reset the
energized voltage to Operate or Release coil should
impulse width should be
5 times more than specified operate/release time in the
so the user should
If there is any query,
should be used
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com