Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY32M Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SY32M
Description  Magnetic Latching Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY32M Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SY32M Datasheet HTML 1Page - Sanyou Corporation Limited SY32M Datasheet HTML 2Page - Sanyou Corporation Limited SY32M Datasheet HTML 3Page - Sanyou Corporation Limited SY32M Datasheet HTML 4Page - Sanyou Corporation Limited SY32M Datasheet HTML 5Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
SY
32M-Series
S
1P:16A 250VAC
1P:16A
250VAC
1P:4,000 VA
100,000
Model
Nominal switching capacity
(res. load)
Max
. switching current
Max
. switching voltage
Max
. switching power
Contact Capacity
Approx.
16.0 g
50mΩ Max.
15msec. Max.
100MΩ Min.(DC500V)
Standard type
:750VAC:50/60Hz 1min
2,000V
,50/60Hz
AC
1min
Silver alloy
Between open contacts
:
Between coil and contact
:
-40℃~+85℃ (no condensation)
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(at 3,600 ops./h)
(at 360 ops./h)
Contact material
Initial contact resistance
(at 6VDC 1A)
Operate time
(at nominal volt.)
Release time
(at nominal volt.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(operations)
Ambient temperature
Unit weight
Charateristic Data
15msec. Max.
Features
● Pluse-driven and both single and dual coil relays available.
● Small size for high density PCB mounting.
● Low coil power consumption and high contact capacity.
● High reliability and long service endurance.
SANYOU RELAYS
Relays for advanced technology
Magnetic
Latching Relay
● Appearance dimension :29.1mmx25.45mmx12.8mm.
2P:5A 250VAC
2P:5A
2P:1,250VA
12.5
18
40.5
72
288
288
25
36
81
144
576
5
6
9
12
24
Coil resistance±10%(Ω)
Single coil
Dual coil
12.5
18
40.5
72
50 min.
Nominal
voltage
(VDC)
Operate
voltage
(Max.)
Release
voltage
(Max.)
Pulse
duration
(ms)
Nominal
operating
power
Standard type
75 % of
nominal
voltage
75 % of
nominal
voltage
1.0W/2.0W
Single
/Dual:
Coil Data (at 20℃)
Max.short-circuit current
1P:500A/10ms
2P: 200A/10ms
10~55Hz at double amplitude of 1.5 mm
10~55Hz at double amplitude of 1.5 mm
100G Min.
10G Min.
1,000,000
Y32M
Version
:V1.3
cycles
cycles
● Environmental friendly product (RoHS Compliant)


Similar Part No. - SY32M

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY32 SANYOU-SY32 Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DB1R SANYOU-SY32-100A-105DB1R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DB2R SANYOU-SY32-100A-105DB2R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DM1R SANYOU-SY32-100A-105DM1R Datasheet
532Kb / 3P
Magnetic Latching Relay
SY32-100A-105DM2R SANYOU-SY32-100A-105DM2R Datasheet
532Kb / 3P
Magnetic Latching Relay
More results

Similar Description - SY32M

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33F SANYOU-SY33F Datasheet
548Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com