Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36B Datasheet(PDF) 2 Page - PFC Device Inc.

Part # SS36B
Description  3A 60V Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

SS36B Datasheet(HTML) 2 Page - PFC Device Inc.

  SS36B Datasheet HTML 1Page - PFC Device Inc. SS36B Datasheet HTML 2Page - PFC Device Inc. SS36B Datasheet HTML 3Page - PFC Device Inc. SS36B Datasheet HTML 4Page - PFC Device Inc. SS36B Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Version 4.0
2 / 5
www.pfc-device.com
SS36B
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Parameter
Symbol
Values
Units
DC Blocking Voltage
VRM
60
Volts
Working Peak Reverse Voltage
VRWM
Peak Repetitive Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
42
Volts
Average Rectified Forward Current
Per device
Io
3
Amps
Peak Forward Surge Current - 1/2 60hz
IFSM
80
Amps
Maximum Instantaneous Forward Voltage
at 3A
TJ = 25
oC
VF*
0.70
Volts
Maximum Instantaneous Reverse Current
TJ = 25
oC
IR*
1000
uA
Typical Thermal Resistance
RθJL
20
oC / W
f=1MHz and applied 4V DC reverse voltage
CJ
250
pF
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Operating Junction Temperature
TJ
- 65 to +125
oC
Storage Junction Temperature
TSTG
- 65 to +150
* Pulse width < 300 uS, Duty cycle < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com