Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36B Datasheet(PDF) 1 Page - PFC Device Inc.

Part # SS36B
Description  3A 60V Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

SS36B Datasheet(HTML) 1 Page - PFC Device Inc.

  SS36B Datasheet HTML 1Page - PFC Device Inc. SS36B Datasheet HTML 2Page - PFC Device Inc. SS36B Datasheet HTML 3Page - PFC Device Inc. SS36B Datasheet HTML 4Page - PFC Device Inc. SS36B Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3A 60V Schottky Rectifier
Dec-2015
Version 4.0
1 / 5
PFC Device Corporation
SS36B
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
3
A
VRRM
60
V
TJ Operating Junction
Temperature
-65 to +125
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
125
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
SS36B
DO-214AA (SMB)


Similar Part No. - SS36B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS36B BILIN-SS36B Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS36B TAITRON-SS36B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Ping Sheng Ele...
SS36B PFS-SS36B Datasheet
155Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Yangzhou yangjie electr...
SS36B YANGJIE-SS36B Datasheet
173Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS36B DACHANG-SS36B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
More results

Similar Description - SS36B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FS6 SHINDENGEN-D3FS6 Datasheet
584Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
D3S6M SHINDENGEN-D3S6M Datasheet
582Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
DE3S6M SHINDENGEN-DE3S6M Datasheet
599Kb / 11P
Schottky Rectifiers (SBD) (60V 3A)
logo
Taiwan Semiconductor Co...
TSSA3U60 TSC-TSSA3U60 Datasheet
212Kb / 4P
3A, 60V Trench Schottky Rectifier
logo
GOOD-ARK Electronics
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
logo
PFC Device Inc.
P3L60A PFC-P3L60A Datasheet
690Kb / 5P
3A 60V MOS Schottky Rectifier
P3L60F-A PFC-P3L60F-A Datasheet
660Kb / 5P
3A 60V MOS Schottky Rectifier
SR3L06H PFC-SR3L06H Datasheet
561Kb / 5P
3A 60V Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U60H TSC-TSSA3U60H Datasheet
374Kb / 5P
3A, 60V Trench Schottky Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com