Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS345F Datasheet(PDF) 2 Page - PFC Device Inc.

Part # SS345F
Description  3A 45V Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

SS345F Datasheet(HTML) 2 Page - PFC Device Inc.

  SS345F Datasheet HTML 1Page - PFC Device Inc. SS345F Datasheet HTML 2Page - PFC Device Inc. SS345F Datasheet HTML 3Page - PFC Device Inc. SS345F Datasheet HTML 4Page - PFC Device Inc. SS345F Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Version 4.0
2 / 5
www.pfc-device.com
SS345F
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Parameter
Symbol
Values
Units
DC Blocking Voltage
VRM
45
Volts
Working Peak Reverse Voltage
VRWM
Peak Repetitive Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
32
Volts
Average Rectified Forward Current
Per device
Io
3
Amps
Peak Forward Surge Current - 1/2 60hz
IFSM
80
Amps
Maximum Instantaneous Forward Voltage
at 3A
TJ = 25
oC
VF*
0.52
Volts
Maximum Instantaneous Reverse Current
TJ = 25
oC
IR*
500
uA
TJ = 100
oC
20
mA
Typical Thermal Resistance
RθJA
70
oC / W
f=1MHz and applied 4V DC reverse voltage
CJ
200
pF
Operating Junction Temperature
TJ
- 55 to +150
oC
Storage Junction Temperature
TSTG
- 55 to +150
* Pulse width < 300 uS, Duty cycle < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com