Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS345F Datasheet(PDF) 4 Page - PFC Device Inc.

Part # SS345F
Description  3A 45V Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

SS345F Datasheet(HTML) 4 Page - PFC Device Inc.

  SS345F Datasheet HTML 1Page - PFC Device Inc. SS345F Datasheet HTML 2Page - PFC Device Inc. SS345F Datasheet HTML 3Page - PFC Device Inc. SS345F Datasheet HTML 4Page - PFC Device Inc. SS345F Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Characteristics
Version 4.0
4 / 5
www.pfc-device.com
SS345F
SS345F
3. Marking information
Top Marking Rule
SS345F= Product Type Marking Code
4. Package information
Suggested Package Outline Dimensions
millimeters
Mounting pad Outline Dimensions millimeters
Dim.
Min.
Max.
A
3.20
3.80
B
4.30
4.90
C
2.20
2.80
D
1.20
1.80
E
0.80
1.40
F
0.50
-----
G
0.05
0.40
All Dimensions in millimeter
SMAF
1.8 ref.
5.0 ref.
1.6 ref.
1.6 ref.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com