Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR620CFP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPR620CFP
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR620CFP Datasheet(HTML) 6 Page - STMicroelectronics

  STPR620CFP Datasheet HTML 1Page - STMicroelectronics STPR620CFP Datasheet HTML 2Page - STMicroelectronics STPR620CFP Datasheet HTML 3Page - STMicroelectronics STPR620CFP Datasheet HTML 4Page - STMicroelectronics STPR620CFP Datasheet HTML 5Page - STMicroelectronics STPR620CFP Datasheet HTML 6Page - STMicroelectronics STPR620CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STPR620CT/CF/CFP
6/7
PACKAGE MECHANICAL DATA
TO-220FPAB
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
s
Cooling method : by conduction (C)
s
Recommended torque value (ISOWATT220AB, TO-220FPAB): 0.55 Nm
s
Maximum torque value (ISOWATT220AB, TO-220FPAB): 0.7 Nm
s
Recommended torque value (TO-220AB): 0.8 Nm
s
Maximum torque value (TO-220AB): 1.0 Nm
s
Epoxy meets UL94, V0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com