Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR620CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPR620CFP
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR620CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPR620CFP Datasheet HTML 1Page - STMicroelectronics STPR620CFP Datasheet HTML 2Page - STMicroelectronics STPR620CFP Datasheet HTML 3Page - STMicroelectronics STPR620CFP Datasheet HTML 4Page - STMicroelectronics STPR620CFP Datasheet HTML 5Page - STMicroelectronics STPR620CFP Datasheet HTML 6Page - STMicroelectronics STPR620CFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
STPR620CT/CF/CFP
®
January 2002- Ed:3D
ULTRA FAST RECOVERY RECTIFIER DIODES
ISOWATT220AB
STPR620CF
s
Suited for SMPS
s
Low losses
s
Low forward and reverse recovery time
s
High surge current capability
s
Insulated packages:
ISOWATT220AB / TO-220FPAB
Insulation voltage = 2000V DC
Capacitance = 12pF
FEATURES
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
Per diode
10
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB
Tc=125°C
Per diode
3
A
ISOWATT220AB
TO-220FPAB
Tc=120°C Per device
6
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
30
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
150
°C
ABSOLUTE MAXIMUM (limiting values)
K
A1
A2
A1
K
A2
TO-220AB
STPR620CT
K
A1
A2
Low cost dual center tap rectifier suited for
Switched Mode Power Supplies and high fre-
quency DC to DC converters.
Packaged
in
TO-220AB,
TO-220FPAB
and
ISOWATT220AB, this device is intended for use
in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
DESCRIPTION
A1
A2
K
TO-220FPAB
STPR620CFP
IF(AV)
2x3A
VRRM
200 V
Tj(max)
150°C
VF(max)
0.99 V
trr(max)
30 ns
MAIN PRODUCT CHARACTERISTICS


Similar Part No. - STPR620CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPR620CF STMICROELECTRONICS-STPR620CF Datasheet
76Kb / 6P
ULTRA FAST RECOVERY RECTIFIER DIODES
Oct-1999
More results

Similar Description - STPR620CFP

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com