Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68DW-R1 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 68DW-R1
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

68DW-R1 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  68DW-R1 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 68DW-R1 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
68DW-R1 SERIES
Rev:1.0 2019/01/03
DC-DC Converter
68DW-R1 SERIES
10Watt 1.6KV Isolated
4:1 Input Voltage Range
Single & Dual Output
1.25”X0.8”
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Input
Voltage
Input Current
Output
Voltage
Output
Current
Efficiency
Vdc
No Load
(mA TYP)
Full Load
(mA TYP)
Vdc
Full Load
(mA)
%TYP
68DW-110S03R1
40-160
6
112
3.3
3000
81
68DW-110S05R1
40-160
6
110
5
2000
82
68DW-110S12R1
40-160
6
108
12
833
84
68DW-110S15R1
40-160
6
107
15
670
85
68DW-110D12R1
40-160
6
106
±12
±420
85
68DW-110D15R1
40-160
6
109
±15
±340
85
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
FEATURES:
10 Watt DIL Package
4:1Wide Input Voltage
100% Burned In
High Efficiency To 85%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +87℃
3 Years Warranty
Design refer to EN50155
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Surge Voltage
(1 sec. max.)
110V models
170
Vdc
Input Filter
PI Type
Reflected ripple current
30
mAp-p
Remote ON/OFF
(Refer to –Vin PIN)
Positive Logic
ON : Open
3
12
Vdc
OFF: Short
0
1.2
Vdc
Input current of Ctrl PIN
0.5
0.5
mA
Remote off input current
3
mA


Similar Part No. - 68DW-R1

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
68DW10 YUANDEAN-68DW10 Datasheet
600Kb / 2P
DC-DC Converter
68DW10-24D05RM YUANDEAN-68DW10-24D05RM Datasheet
373Kb / 2P
DC-DC Converter
68DW10-24D05RNL YUANDEAN-68DW10-24D05RNL Datasheet
600Kb / 2P
DC-DC Converter
68DW10-24D12R6 YUANDEAN-68DW10-24D12R6 Datasheet
310Kb / 2P
DC-DC Converter
68DW10-24D12RM YUANDEAN-68DW10-24D12RM Datasheet
373Kb / 2P
DC-DC Converter
More results

Similar Description - 68DW-R1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com